| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PRLL5818 bảng dữ liệu(PDF) 3 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PRLL5818 bảng dữ liệu(HTML) 3 Page - Nexperia B.V. All rights reserved |
|
3 / 12 page ![]() 1999 Apr 22 2 NXP Semiconductors Product data sheet Schottky barrier diodes PRLL5817; PRLL5818; PRLL5819 FEATURES • Low switching losses • Fast recovery time • Guard ring protected • Hermetically sealed glass SMD package. APPLICATIONS • Low power, switched-mode power supplies • Rectifying • Polarity protection. DESCRIPTION The PRLL5817 to PRLL5819 types are Schottky barrier diodes fabricated in planar technology, and encapsulated in SOD87 hermetically sealed glass SMD packages incorporating ImplotecTM(1) technology. (1) Implotec is a trademark of Philips. MARKING TYPE NUMBER MARKING CODE PRLL5817 9 PRLL5818 9 PRLL5819 9 Fig.1 Simplified outline (SOD87) and symbol. handbook, halfpage MAM190 ka |