| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PRLL5817 bảng dữ liệu(PDF) 8 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PRLL5817 bảng dữ liệu(HTML) 8 Page - Nexperia B.V. All rights reserved |
|
8 / 12 page ![]() 1999 Apr 22 7 NXP Semiconductors Product data sheet Schottky barrier diodes PRLL5817; PRLL5818; PRLL5819 Fig.6 PRLL5817. Maximum permissible junction temperature as a function of reverse voltage; device mounted; refer to SOD87 standard mounting conditions. 020 200 0 MBE635 100 10 VR (V) Tj (oC) VRWM VR δ = 0.2 δ = 0.5 Fig.7 PRLL5817. Reverse power dissipation as a function of reverse voltage (max. values); device mounted; refer to SOD87 standard mounting conditions. 020 0.1 0 MBE640 0.05 PR 10 VR (V) (W) VRWM VR δ = 0.5 δ = 0.2 Fig.8 PRLL5818. Maximum permissible junction temperature as a function of reverse voltage; device mounted; refer to SOD87 standard mounting conditions. 040 200 0 MBE636 100 20 VR (V) Tj (oC) VRWM VR δ = 0.2 δ = 0.5 Fig.9 PRLL5818. Reverse power dissipation as a function of reverse voltage (max. values); device mounted; refer to SOD87 standard mounting conditions. 040 0.1 0 MBE638 0.05 PR 20 VR (V) (W) VRWM VR δ = 0.5 δ = 0.2 |