| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ELUMEESAQ2C02 bảng dữ liệu(PDF) 2 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
ELUMEESAQ2C02 bảng dữ liệu(HTML) 2 Page - ITT Industries |
|
2 / 4 page ![]() ACTUATOR SHOWN EXTENDED POSITION ACTUATOR SHOWN EXTENDED POSITION Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ittcannon.com C&K ELUM TM Series Right Angle Illuminated Latching Pushbutton STANDARD OPTIONS Third Angle Projection A SURFACE MOUNT .095 DIA. (2,41ø) .157 (3,99) .450 (11,43) .040 TYP. (1,02) .197 (5,01) .292 (7,42) .300 (7,62) .100 TYP. (2,53) .120 (3,04) .005 (0,12) .070 TYP. (1,78) .824 (20,94) .854 (21,7) .237 (6,01) PCB SURFACE .810 (20,58) ELUMOATHQ6C12 PC THRU-HOLE .095 DIA. (2,41ø) .203 (5,16) .810 (20,58) .033 TYP. (0,84) .115 (2,92) .157 (3,99) .068 TYP. (1,73) .450 (11,43) .040 TYP. (1,02) .197 (5,01) .292 (7,42) .300 (7,62) .100 TYP. (2,53) PCB SURFACE A–4 .810 (20,58) .160 (4,06) .200 (5,08) .450 (11,43) .824 (20,94) .854 (21,7) .237 (6,01) .131 DIA. (3.33ø) SURFACE MOUNT ACTUATOR SHOWN EXTENDED POSITION ELUM ELUM SERIES, Illuminated Latching Pushbutton OPTION CODE SWITCH FUNCTION POSITION 1 OA ON EE ON POSITION 2 ELUMEESAQ3C22 ELUMEESAQ7C12 NO. OF POLES SP Latching (Push-Push) SP Momentary CONNECTED TERMINALS 3 – 4 3 – 4 SWITCH FUNCTION ON ON (Mom.) CONNECTED TERMINALS 3 – 2 3 – 2 SCHEMATIC 1 5 + Anode – Cathode SPDT 3 4 2 NO C NC For SPST N.O. function, only terminals 3 & 2 are used. For SPST N.C. function, only terminals 3 & 4 are used. Circuit: Make before break LED pins 1 & 5 are independent of switch function. DESIGNATION U E L SWITCH FUNCTION M |