| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1337GCSRGI bảng dữ liệu(PDF) 25 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
1337GCSRGI bảng dữ liệu(HTML) 25 Page - Renesas Technology Corp |
|
25 / 28 page ![]() IDT1337G REAL-TIME CLOCK WITH I2C SERIAL INTERFACE RTC IDT® REAL-TIME CLOCK WITH I2C SERIAL INTERFACE 25 IDT1337G REV M 073013 Ordering Information The 1337GC packages are RoHS compliant. Packages without the integrated crystal are Pb-free; packages that include the integrated crystal (as designated with a “C” before the two-letter package code) may include lead that is exempt under RoHS requirements. The lead finish is JESD91 category e3. “G” is the device revision designator and will not correlate to the datasheet revision. While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments. Part / Order Number Markings Shipping Packaging Package Temperature 1337GDVGI see page 20 Tubes 8-pin MSOP -40 to +85 C 1337GDVGI8 Tape and Reel 8-pin MSOP -40 to +85 C 1337GCSRGI Tubes 16-pin SOIC -40 to +85 C 1337GCSRGI8 Tape and Reel 16-pin SOIC -40 to +85 C 1337GDCGI Tubes 8-pin SOIC -40 to +85 C 1337GDCGI8 Tape and Reel 8-pin SOIC -40 to +85 C 1337GNLGI Tubes 16-pin VFQFPN -40 to +85 C 1337GNLGI8 Tape and Reel 16-pin VFQFPN -40 to +85 C |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |