công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSD4256G6V-90UI bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện PSD4256G6V-90UI
Giải thích chi tiết về linh kiện  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4256G6V-90UI bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button PSD4256G6V-90UI Datasheet HTML 12Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 13Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 14Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 15Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 16Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 17Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 18Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 19Page - STMicroelectronics PSD4256G6V-90UI Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 100 page
background image
PSD4256G6V
16/100
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
PSD ARCHITECTURAL OVERVIEW
PSD devices contain several major functional
blocks. Figure 4, page 15 shows the architecture
of the PSD device family. The functions of each
block are described briefly in the following sec-
tions. Many of the blocks perform multiple func-
tions and are user configurable.
Memory
Each of the memory blocks is briefly discussed in
the following paragraphs. A more detailed discus-
sion can be found in the section entitled “Memory
Blocks“ on page 25.
The 8Mbit primary Flash memory is the main
memory of the PSD. It is divided into 16 equally-
sized sectors that are individually selectable.
The 512Kbit secondary Flash memory is divided
into 4 sectors. Each sector is individually select-
able.
The 256Kbit SRAM is intended for use as a
scratch-pad memory or as an extension to the
MCU SRAM. If an external battery is connected to
the PSD’s Voltage Standby (VSTBY, PE6) signal,
data is retained in the event of power failure.
Each memory block can be located in a different
address space as defined by the user. The access
times for all memory types includes the address
latching and DPLD decoding time.
PLDs
The device contains two PLD blocks, the Decode
PLD (DPLD) and the Complex PLD (CPLD), as
shown in Table 2, page 12, each optimized for a
different function. The functional partitioning of the
PLDs reduces power consumption, optimizes
cost/performance, and eases design entry.
The DPLD is used to decode addresses and to
generate Sector Select signals for the PSD inter-
nal memory and registers. The DPLD has combi-
natorial outputs, while the CPLD can implement
more general user-defined logic functions. The
CPLD has 16 Output Macrocells (OMC) and 8
combinatorial outputs. The PSD also has 24 Input
Macrocells (IMC) that can be configured as inputs
to the PLDs. The PLDs receive their inputs from
the PLD Input Bus and are differentiated by their
output destinations, number of product terms, and
Macrocells.
The PLDs consume minimal power. The speed
and power consumption of the PLD is controlled
by the Turbo Bit in PMMR0 and other bits in
PMMR2. These registers are set by the MCU at
run-time. There is a slight penalty to PLD propaga-
tion time when not in the Turbo mode.
I/O Ports
The PSD has 52 I/O pins divided among seven
ports (Port A, B, C, D, E, F, and G). Each I/O pin
can be individually configured for different func-
tions. Ports can be configured as standard MCU I/
O ports, PLD I/O, or latched address outputs for
MCUs using multiplexed address/data buses.
The JTAG pins can be enabled on Port E for In-
System Programming (ISP).
MCU Bus Interface
The PSD easily interfaces with most 8-bit or 16-bit
MCUs, either with multiplexed or non-multiplexed
address/data buses. The device is configured to
respond to the MCU’s control pins, which are also
used as inputs to the PLDs.
ISP via JTAG Port
In-System Programming (ISP) can be performed
through the JTAG signals on Port E. This serial in-
terface allows complete programming of the entire
PSD MODULE device. A blank device can be
completely programmed. The JTAG signals (TMS,
TCK, TSTAT, TERR, TDI, TDO) can be multi-
plexed with other functions on Port E. Table 3 indi-
cates the JTAG pin assignments.
Table 3. PLD I/O
Table 4. JTAG Signals on Port E
Name
Inputs
Outputs
Product
Terms
Decode PLD (DPLD)
82
17
43
Complex PLD (CPLD)
82
24
150
Port E Pins
JTAG Signal
PE0
TMS
PE1
TCK
PE2
TDI
PE3
TDO
PE4
TSTAT
PE5
TERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com