| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BZX79 bảng dữ liệu(PDF) 9 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
BZX79 bảng dữ liệu(HTML) 9 Page - Nexperia B.V. All rights reserved |
|
9 / 11 page ![]() 2002 Feb 27 8 NXP Semiconductors Product data sheet Voltage regulator diodes BZX79 series PACKAGE OUTLINE REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC EIAJ Note 1. The marking band indicates the cathode. SOD27 DO-35 A24 SC-40 97-06-09 Hermetically sealed glass package; axial leaded; 2 leads SOD27 UNIT b max. mm 0.56 D max. G1 max. 25.4 4.25 1.85 L min. DIMENSIONS (mm are the original dimensions) G1 L D L b (1) 0 1 2 mm scale |