công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BAV20 bảng dữ liệu(PDF) 9 Page - Nexperia B.V. All rights reserved

tên linh kiện BAV20
Giải thích chi tiết về linh kiện  General purpose diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAV20 bảng dữ liệu(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button BAV20 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAV20 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAV20 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAV20 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAV20 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAV20 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAV20 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BAV20 Datasheet HTML 10Page - Nexperia B.V. All rights reserved BAV20 Datasheet HTML 11Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
1999 May 25
8
NXP Semiconductors
Product data sheet
General purpose diodes
BAV20; BAV21
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
Note
1. The marking band indicates the cathode.
SOD27
DO-35
A24
SC-40
97-06-09
Hermetically sealed glass package; axial leaded; 2 leads
SOD27
UNIT
b
max.
mm
0.56
D
max.
G1
max.
25.4
4.25
1.85
L
min.
DIMENSIONS (mm are the original dimensions)
G1
L
D
L
b
(1)
0
1
2 mm
scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11