| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM79C901AVIT bảng dữ liệu(PDF) 27 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C901AVIT bảng dữ liệu(HTML) 27 Page - Advanced Micro Devices |
|
27 / 90 page ![]() Am79C901A 27 PR ELI M IN AR Y Table 3. SPI Op Codes Figure 10. SPI Read Operation Figure 11. Aborted Operation of the SPI Interface Figure 12. First Operation Following an Abort SDI Op Codes Address Data In ST OP PHYADD REGADD ED READ 01 10 AAAAA RRRRR 10 Don’t Care WRITE 01 01 AAAAA RRRRR 10 D15………D0 SDO Error Code Data Out READ 0000 = No Error/AAAA = Error Detected D15...D0 WRITE 0000 = No Error/AAAA = Error Detected Don’t Care 31 32 15 16 17 18 1234 SCLK SDO SDI CS Start Frame Read Command End Delimiter 22304B-12 SCLK CS SDI SDO 1 2 3 4 5 6 7 8 9 10 11 12 13 Op Codes Address Error Code = 0 22304B-13 SCLK CS SDI SDO 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 30 31 32 Op Codes Address Data In Data Out Error Code = AAAA 22304B-14 |