| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM79C901AVI bảng dữ liệu(PDF) 47 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C901AVI bảng dữ liệu(HTML) 47 Page - Advanced Micro Devices |
|
47 / 90 page ![]() Am79C901A 47 PR ELI M IN AR Y HPR4: HomePNA PHY Auto-Negotiation Advertisement Register (Register 4) This register contains the advertised ability of the Am79C901A device. The purpose of this register is to advertise the technology ability to the link partner de- vice. When this register is modified, Restart Auto-Ne- gotiation (Register 0, bit 9) must be enabled to guarantee the change is implemented. Table 21. HPR4: HomePNA PHY Auto-Negotiation Advertisement Register (Register 4) Bits Name Description Read/Write Default Value (hex) 15 Next Page When set, the device wishes to engage in next page exchange. If cleared, the device does not wish to engage in next page exchange. R0 14 Reserved R0 13 Remote Fault When set, a remote fault bit is inserted into the base link code word during the Auto-Negotiation process. When cleared, the base link code work will have the bit position for remote fault as cleared. R0 12:11 Reserved R0 10 PAUSE This bit should be set if the PAUSE capability is to be advertised. R0 9 Reserved R0 8 Full-Duplex 100BASE-TX This bit advertises Full-Duplex capability. When set, Full-Duplex capability is advertised. When cleared, Full-Duplex capability is not advertised. R0 7 Half-Duplex 100BASE-TX This bit advertises Half-Duplex capability for the Auto-Negotiation process. Setting this bit advertises Half-Duplex capability. Clearing this bit does not advertise Half-Duplex capability. R0 6 Full-Duplex 10BASE-T This bit advertises Full-Duplex capability. When set, Full-Duplex capability is advertised. When cleared, Full-Duplex capability is not advertised. R0 5 Half-Duplex 10BASE-T This bit advertises Half-Duplex capability for the Auto-Negotiation process. Setting this bit advertises Half-Duplex capability. Clearing this bit does not advertise Half-Duplex capability. R1 4:0 Selector Field The Am79C901A device is an IEEE 802.3 compliant device. R01 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |