| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H2011UTF805NQ bảng dữ liệu(PDF) 3 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
H2011UTF805NQ bảng dữ liệu(HTML) 3 Page - ITT Industries |
|
3 / 5 page ![]() M–41 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com M LOCK TYPE LOCK FINISH TERMINATIONS 1.635 (4 TUMBLER) (41, 52) .798 (20, 26) .775 (19, 68) NICKEL PLATED BRASS KEY Key part number: 115140126 1.766 (4 TUMBLER) (44, 85) .948 (24, 07) .775 (19, 68) NICKEL PLATED BRASS KEY WITH PLASTIC INSERT MOLDED SQUARE HEAD Key part number: 11599112602 1.289 (32,74) .902 (22,91) .871 (22,12) Code number on opposite side of key. CHROME PLATED ZINC ALLOY KEY Key part number: 363C1AAAA WC WIRE LEAD 05 .110" QUICK CONNECT 2 STAINLESS STEEL FACING V 6 TUMBLER TUBULAR LOCK F 4 TUMBLER LOCK WITH ADDED DETENT 8 GLOSS BLACK FACING Available with V lock type only. Black wire standard, other colors, gages and lengths available, consult Customer Service Center. UL style 1015. NOTE: All orders keyed alike, standard. For more than one key code, replacement keys, or other special features, consult Customer Service Center. NO YES 1 NICKEL PLATED BRASS KEY WITH PLASTIC INSERT MOLDED SQUARE HEAD & 1 NICKEL PLATED BRASS KEY T NO YES 2 NICKEL PLATED BRASS KEYS (4 TUMBLER) OR 2 CHROME PLATED ZINC ALLOY KEYS (6 TUMBLER) 2 CODE NO. ON LOCK CODE NO. ON KEY KEY OPTIONS OPTION CODE BLACK 2 NICKEL PLATED BRASS (4 TUMBLER) OR CHROME PLATED ZINC ALLOY (6 TUMBLER) NONE KEY COLOR OPTION CODE C&K H Series 4 & 6 Tumbler Power Switchlocks KEYING NOTE: Key head shape subject to change without notice. |