công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PAM8906 bảng dữ liệu(PDF) 1 Page - Diodes Incorporated

tên linh kiện PAM8906
Giải thích chi tiết về linh kiện  36VPP OUTPUT PIEZO SOUNDER DRIVER WITH SELF-EXCITATION MODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8906 bảng dữ liệu(HTML) 1 Page - Diodes Incorporated

  PAM8906 Datasheet HTML 1Page - Diodes Incorporated PAM8906 Datasheet HTML 2Page - Diodes Incorporated PAM8906 Datasheet HTML 3Page - Diodes Incorporated PAM8906 Datasheet HTML 4Page - Diodes Incorporated PAM8906 Datasheet HTML 5Page - Diodes Incorporated PAM8906 Datasheet HTML 6Page - Diodes Incorporated PAM8906 Datasheet HTML 7Page - Diodes Incorporated PAM8906 Datasheet HTML 8Page - Diodes Incorporated PAM8906 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PAM8906
Document number: DS44739 Rev. 1 - 2
1 of 11
www.diodes.com
December 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PAM8906
36VPP OUTPUT PIEZO SOUNDER DRIVER WITH SELF-EXCITATION MODE
Description
Pin Assignments
The
DIODES™ PAM8906 is a piezoelectric sounder driver with built-
in boost converter, capable of driving a piezo sounder with up to
36VPP output. With integrated boost converter, the PAM8906 can
provide an optimized solution with higher Sound Pressure Level
(SPL) for louder output sound, and lower quiescent current along
with auto turn-on/off feature for extended battery runtime. PAM8906
provides clear benefits for battery-operated piezoelectric sounder or
alarm related applications.
With the integrated boost converter and unique piezo sounder driver
technology, PAM8906 provides small inrush current, low EMI and yet
delivers high system efficiency. The integrated boost converter
switches at a fixed frequency of 1.8MHz and as a result, it can
operate with a small 0.47µH inductor.
The PAM8906 comes in three different Output Voltage (VOUT)
options: 10V, 12V, and 18V.
The PAM8906 can operate with an external PWM input or operate in
self-excitation mode (only 10V and 12V supported in this mode) for
various piezo sounder applications. It also features thermal shutdown
protection, over-current protection, over-voltage protection and
under-voltage-lockout protection to ensure safe system operation.
The PAM8906 is available in MSOP-10 package for smaller PCB
footprint and higher SMT yield.
Features
Supply Voltage Range from 2.1V to 5.5V
Intergraded Boost Converter with VOUT = 10V, 12V or 18V
Automatic Shutdown and Wake-Up Control
Support External PWM Input or Self-Excitation Mode
Low Operating Current, with Shutdown Current < 1
μA
High-Speed Driver Designed with Very Short Turn-On/Turn-Off
High-Impendence Output in Shutdown Mode
Available in Space-Saving MSOP-10 Packages
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified
facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/
(Top View)
MSOP-10
Applications
Smoke / gas / water alarms, or industrial security alarms
Air humidifiers or ultrasonic related piezo driver applications
Security devices, home appliances
Haptic feedbacks
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
VCC
GND
BOOT
SW
VOUT
VIN
DIN
FB
OUTP
OUTN


Số phần tương tự - PAM8906

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
PAM8901 DIODES-PAM8901 Datasheet
612Kb / 13P
25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
Rev 2
PAM8901JER DIODES-PAM8901JER Datasheet
612Kb / 13P
25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
Rev 2
logo
Power Analog Micoelectr...
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Diodes Incorporated
PAM8902A DIODES-PAM8902A Datasheet
554Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
Rev 1
PAM8902AKER DIODES-PAM8902AKER Datasheet
554Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
Rev 1
More results

Mô tả tương tự - PAM8906

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
STK730-010 SANYO-STK730-010 Datasheet
126Kb / 6P
Self-Excitation Type Semi-Regulated Switching Regulator (110W Output)
STK730-020 SANYO-STK730-020 Datasheet
127Kb / 6P
Self-Excitation Type Semi-Regulated Switching Regulator (145W Output)?
STK730-080 SANYO-STK730-080 Datasheet
98Kb / 4P
Self-Excitation Type Semi-Regulated Switching Regulator (210W Output)?
STK73903 SANYO-STK73903 Datasheet
120Kb / 6P
Self-Excitation Type Feedback Control Switching Regulator (180W Output)
logo
Diodes Incorporated
PAM8904 DIODES-PAM8904 Datasheet
259Kb / 6P
18VPP OUTPUT PEIZO SOUNDER DRIVER
Rev 1
PAM8904Q DIODES-PAM8904Q Datasheet
558Kb / 11P
AUTOMOTIVE 18VPP OUTPUT PEIZO SOUNDER DRIVER
Rev 1
PAM8904 DIODES-PAM8904_17 Datasheet
352Kb / 9P
18VPP OUTPUT PIEZO SOUNDER DRIVER
Rev 2
logo
Micro Analog systems
MAS6240C MAS-MAS6240C_16 Datasheet
980Kb / 13P
Piezo Driver with Multi-Mode Charge Pump
logo
Diodes Incorporated
PAM8907 DIODES-PAM8907 Datasheet
695Kb / 10P
31VPP OUTPUT PIEZO SOUNDER DRIVER WITH BOOST CONVERTER
May 2021
PAM8904E DIODES-PAM8904E Datasheet
826Kb / 10P
18VPP OUTPUT PIEZO SOUNDER DRIVER
Rev. 2 - 2 February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com