công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS580-01 bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp

tên linh kiện ICS580-01
Giải thích chi tiết về linh kiện  GLITCH-FREE CLOCK MULITPLEXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS580-01 bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp

Back Button ICS580-01 Datasheet HTML 2Page - Renesas Technology Corp ICS580-01 Datasheet HTML 3Page - Renesas Technology Corp ICS580-01 Datasheet HTML 4Page - Renesas Technology Corp ICS580-01 Datasheet HTML 5Page - Renesas Technology Corp ICS580-01 Datasheet HTML 6Page - Renesas Technology Corp ICS580-01 Datasheet HTML 7Page - Renesas Technology Corp ICS580-01 Datasheet HTML 8Page - Renesas Technology Corp ICS580-01 Datasheet HTML 9Page - Renesas Technology Corp ICS580-01 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ICS580-01
GLITCH-FREE CLOCK MULITPLEXER
CLOCK MULTIPLEXER
IDT™ / ICS™ GLITCH-FREE CLOCK MULITPLEXER
6
ICS580-01
REV L 051310
Split Power Supplies
The VDDI pin provides the power for the INA and INB input buffers only. All the other inputs and the rest of the chip
are connected to VDDC. This allows for supply voltage translation. For example, INA and INB could be 5V clocks
(VDDI = 5V) and the rest of the chip could use a 3.3V supply on VDDC giving 3.3V output clocks. For correct
operation VDDI must always be greater than or equal to VDDC.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS580-01. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3V ±5%, Ambient Temperature -40 to +85
° C
Item
Rating
Supply Voltage, VDD
7V
All Inputs and Outputs
-0.5V to VDD+0.5V
Ambient Operating Temperature
0 to +70
° C
Ambient Operating Temperature
-40 to +85
° C
Storage Temperature
-65 to +150
° C
Junction Temperature
125
° C
Soldering Temperature
260
° C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
° C
Ambient Operating Temperature
-40
+85
° C
Power Supply Voltage (measured in respect to GND)
+2.5
+5.5
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDDC
2.5
5.5
V
VDDI
VDDC
5.5
V
Supply Current
IDD
50 MHz, no load
6
mA
Input High Voltage
VIH
Non-clock inputs
2
VDDC
V
Input Low Voltage
VIL
Non-clock inputs
0.8
V
Input High Voltage
VIH
INA and INB only
Note 3
(VDDC/2)+1
VDDI
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com