công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS557-05A bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp

tên linh kiện ICS557-05A
Giải thích chi tiết về linh kiện  QUAD DIFFERENTIAL PCI-EXPRESS GEN1 CLOCK SOURCE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS557-05A bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp

Back Button ICS557-05A Datasheet HTML 5Page - Renesas Technology Corp ICS557-05A Datasheet HTML 6Page - Renesas Technology Corp ICS557-05A Datasheet HTML 7Page - Renesas Technology Corp ICS557-05A Datasheet HTML 8Page - Renesas Technology Corp ICS557-05A Datasheet HTML 9Page - Renesas Technology Corp ICS557-05A Datasheet HTML 10Page - Renesas Technology Corp ICS557-05A Datasheet HTML 11Page - Renesas Technology Corp ICS557-05A Datasheet HTML 12Page - Renesas Technology Corp ICS557-05A Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ICS557-05A
QUAD DIFFERENTIAL PCI-EXPRESS GEN1 CLOCK SOURCE
PCIE SSCG
IDT®
QUAD DIFFERENTIAL PCI-EXPRESS GEN1 CLOCK SOURCE
10
ICS557-05A
REV O 112111
AC Electrical Characteristics - CLKOUT, LVDS
Unless stated otherwise, VDD=3.3 V ±5%, Ambient Temperature -40 to +85
° C
1 Test setup is R
L=50 ohms with 2 pF, Rr = 475Ω (1%).
2 Measurement taken from a single-ended waveform.
3 Measurement taken from a differential waveform.
4 Measured at the crossing point where instantaneous voltages of both CLKOUT and CLKOUT are equal.
5 CLKOUT pins are tri-stated when OE is asserted low. CLKOUT is driven differential when OE is high unless its PD= low.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
25
MHz
Output Frequency
LVDS termination
100
MHz
Differential Output Voltage
VOD
247
454
mV
Offset Voltage
VOS
1.125
1.375
V
∆V
OD
|Change to V
OD|
50
mV
∆V
OS
|Change to V
OS|
50
mV
Jitter, Cycle-to-Cycle1,3
80
ps
Modulation Frequency
Spread spectrum
30
31.5
33
kHz
Slew Rate, Rise1,3
tSLR
Measured from ±150 mV from
crossing point voltage
14
V/ns
Slew Rate, Fall1,3
tSLF
Measured from ±150 mV from
crossing point voltage
14
V/ns
Skew between outputs
At crossing point Voltage
50
ps
Duty Cycle1,3
45
55
%
Output Enable Time5
All outputs
10
µs
Output Disable Time5
All outputs
10
µs
Power-up Time
tSTABLE
From power-up VDD=3.3 V
3
ms
Spread Change Time
tSPREAD Settling period after spread change
3
ms
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
93
° C/W
θJA
1 m/s air flow
78
° C/W
θJA
3 m/s air flow
65
° C/W
Thermal Resistance Junction to Case
θJC
20
° C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com