| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB90349APF bảng dữ liệu(PDF) 21 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90349APF bảng dữ liệu(HTML) 21 Page - fujitsu semiconductor |
|
21 / 84 page ![]() MB90340 Series 21 (Continued) Type Circuit Remarks I • CMOS level output (IOL = 4 mA, IOH = −4 mA) • CMOS hysteresis inputs (With the standby- time input shutdown function) • Automotive input (With the standby-time in- put shutdown function) • A/D analog input J • CMOS level output (IOL = 4 mA, IOH = −4 mA) • D/A analg output • CMOS hysteresis inputs (With the standby- time input shutdown function) • Automotive input (With the standby-time in- put shutdown function) • A/D analog input K • Power supply input protection circuit L • A/D converter reference voltage power supply input pin, with the protection circuit • Flash devices do not have a protection circuit against VCC for pin AVRH Hysteresis inputs Automotive inputs Standby control for input shutdown Analog input Pout Nout R Hysteresis inputs Automotive inputs Standby control for input shutdown Analog input Analog output Pout Nout R ANE AVR ANE |