công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS97ULP844A bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp

tên linh kiện ICS97ULP844A
Giải thích chi tiết về linh kiện  1.8V Low-Power Wide-Range Frequency Clock Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS97ULP844A bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp

  ICS97ULP844A Datasheet HTML 1Page - Renesas Technology Corp ICS97ULP844A Datasheet HTML 2Page - Renesas Technology Corp ICS97ULP844A Datasheet HTML 3Page - Renesas Technology Corp ICS97ULP844A Datasheet HTML 4Page - Renesas Technology Corp ICS97ULP844A Datasheet HTML 5Page - Renesas Technology Corp ICS97ULP844A Datasheet HTML 6Page - Renesas Technology Corp ICS97ULP844A Datasheet HTML 7Page - Renesas Technology Corp ICS97ULP844A Datasheet HTML 8Page - Renesas Technology Corp ICS97ULP844A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
ICS97ULP844A
1110A—05/16/05
Pin Descriptions
l
a
n
i
m
r
e
T
e
m
a
N
n
o
i
t
p
i
r
c
s
e
D
l
a
c
i
r
t
c
e
l
E
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
D
N
G
Ad
n
u
o
r
G
g
o
l
a
n
A
d
n
u
o
r
G
V
A
D
D
r
e
w
o
p
g
o
l
a
n
A
l
a
n
i
m
o
n
V
8
.
1
T
N
I
_
K
L
Cr
o
t
s
i
s
e
r
n
w
o
d
l
l
u
p
)
m
h
O
K
0
0
1
-
K
0
1
(
a
h
t
i
w
t
u
p
n
i
k
c
o
l
C
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
D
C
N
I
_
K
L
C
r
o
t
s
i
s
e
r
n
w
o
d
l
l
u
p
)
m
h
O
K
0
0
1
-
K
0
1
(
a
h
t
i
w
t
u
p
n
i
k
c
o
l
c
y
r
a
t
n
e
l
p
m
o
C
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
D
T
N
I
_
B
Ft
u
p
n
i
k
c
o
l
c
k
c
a
b
d
e
e
F
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
D
C
N
I
_
B
Ft
u
p
n
i
k
c
o
l
c
k
c
a
b
d
e
e
f
y
r
a
t
n
e
m
e
l
p
m
o
C
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
D
T
T
U
O
_
B
Ft
u
p
t
u
o
k
c
o
l
c
k
c
a
b
d
e
e
F
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
C
T
U
O
_
B
Ft
u
p
t
u
o
k
c
o
l
c
k
c
a
b
d
e
e
f
y
r
a
t
n
e
m
e
l
p
m
o
C
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
E
O)
s
u
o
n
o
r
h
c
n
y
s
A
(
e
l
b
a
n
E
t
u
p
t
u
O
t
u
p
n
i
S
O
M
C
V
L
S
OV
r
o
D
N
G
o
t
d
e
i
t
(
t
c
e
l
e
S
t
u
p
t
u
O
Q
D
D
)t
u
p
n
i
S
O
M
C
V
L
D
N
Gd
n
u
o
r
G
d
n
u
o
r
G
V
Q
D
D
r
e
w
o
p
t
u
p
t
u
o
d
n
a
c
i
g
o
L
l
a
n
i
m
o
n
V
8
.
1
]
3
:
0
[
T
K
L
Cs
t
u
p
t
u
o
k
c
o
l
C
s
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
]
3
:
0
[
C
K
L
Cs
t
u
p
t
u
o
k
c
o
l
c
y
r
a
t
n
e
m
e
l
p
m
o
C
s
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
B
Nll
a
b
o
N
The PLL clock buffer, ICS97ULP844A, is designed for a VDDQ of 1.8 V, a AVDD of 1.8 V and differential data input and
output levels. Package options include a plastic 28-ball VFBGA.
ICS97ULP844A is a zero delay buffer that distributes a differential clock input pair (CLK_INT, CLK_INC) to four
differential pair of clock outputs (CLKT[0:3], CLKC[0:3]) and one differential pair feedback clock outputs (FB_OUTT,
FBOUTC). The clock outputs are controlled by the input clocks (CLK_INT, CLK_INC), the feedback clocks (FB_INT,
FB_INC), the LVCMOS program pins (OE, OS) and the Analog Power input (AVDD).When OE is low, the outputs (except
FB_OUTT/FB_OUTC) are disabled while the internal PLL continues to maintain its locked-in frequency. OS (Output
Select) is a program pin that must be tied to GND or VDDQ.When OS is high, OE will function as described above.When
OS is low, OE has no effect on CLKT2/CLKC2 (they are free running in addition to FB_OUTT/FB_OUTC).When AVDD
is grounded, the PLL is turned off and bypassed for test purposes.
When both clock signals (CLK_INT, CLK_INC) are logic low, the device will enter a low power mode. An input logic
detection circuit on the differential inputs, independent from the input buffers, will detect the logic low level and perform
a low power state where all outputs, the feedback and the PLL are OFF.When the inputs transition from both being logic
low to being differential signals, the PLL will be turned back on, the inputs and outputs will be enabled and the PLL
will obtain phase lock between the feedback clock pair (FB_INT, FB_INC) and the input clock pair (CLK_INT, CLK_INC)
within the specified stabilization time tSTAB.
The PLL in ICS97ULP844A clock driver uses the input clocks (CLK_INT, CLK_INC) and the feedback clocks (FB_INT,
FB_INC) to provide high-performance, low-skew, low-jitter output differential clocks (CLKT[0:4], CLKC[0:4]).
ICS97ULP844A is also able to track Spread Spectrum Clocking (SSC) for reduced EMI.
ICS97ULP844A is characterized for operation from 0°C to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com