công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VBMB16R02 bảng dữ liệu(PDF) 9 Page - VBsemi Electronics Co.,Ltd

tên linh kiện VBMB16R02
Giải thích chi tiết về linh kiện  Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VBSEMI [VBsemi Electronics Co.,Ltd]
Trang chủ  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBMB16R02 bảng dữ liệu(HTML) 9 Page - VBsemi Electronics Co.,Ltd

Back Button VBMB16R02 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBMB16R02 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBMB16R02 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBMB16R02 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBMB16R02 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VBMB16R02 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd VBMB16R02 Datasheet HTML 10Page - VBsemi Electronics Co.,Ltd VBMB16R02 Datasheet HTML 11Page - VBsemi Electronics Co.,Ltd VBMB16R02 Datasheet HTML 12Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
TO-220 FULLPAK (HIGH VOLTAGE)
Notes
1. To be used only for process drawing.
2. These dimensions apply to all TO-220, FULLPAK leadframe versions 3 leads.
3. All critical dimensions should C meet Cpk > 1.33.
4. All dimensions include burrs and plating thickness.
5. No chipping or package damage.
E
b
n
d1
L
e
b2
b3
Ø P
L1
d3
D
c
A2
u
V
A1
A
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
A
4.570
4.830
0.180
0.190
A1
2.570
2.830
0.101
0.111
A2
2.510
2.850
0.099
0.112
b
0.622
0.890
0.024
0.035
b2
1.229
1.400
0.048
0.055
b3
1.229
1.400
0.048
0.055
c
0.440
0.629
0.017
0.025
D
8.650
9.800
0.341
0.386
d1
15.88
16.120
0.622
0.635
d3
12.300
12.920
0.484
0.509
E
10.360
10.630
0.408
0.419
e
2.54 BSC
0.100 BSC
L
13.200
13.730
0.520
0.541
L1
3.100
3.500
0.122
0.138
n
6.050
6.150
0.238
0.242
Ø P
3.050
3.450
0.120
0.136
u
2.400
2.500
0.094
0.098
v
0.400
0.500
0.016
0.020
ECN: X09-0126-Rev. B, 26-Oct-09
DWG: 5972
VBM16R02 / VBMB16R02
VBE16R02 / VBFB16R02
www.VBsemi.com
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12