công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VBMB1602K bảng dữ liệu(PDF) 2 Page - VBsemi Electronics Co.,Ltd

tên linh kiện VBMB1602K
Giải thích chi tiết về linh kiện  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VBSEMI [VBsemi Electronics Co.,Ltd]
Trang chủ  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBMB1602K bảng dữ liệu(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VBMB1602K Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBMB1602K Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBMB1602K Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBMB1602K Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBMB1602K Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBMB1602K Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBMB1602K Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBMB1602K Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd VBMB1602K Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
 300 μs; duty cycle  2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-62
°C/W
Case-to-Sink, Flat, Greased Surface
RthCS
0.50
-
Maximum Junction-to-Case (Drain)
RthJC
-1.0
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
600
-
-
V
VDS Temperature Coefficient
V
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.70
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = 20
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 600 V, VGS = 0 V
-
-
100
μA
VDS = 480 V, VGS = 0 V, TJ = 125 °C
-
-
500
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 3.7 Ab
--
2.2
Forward Transconductance
gfs
VDS = 100 V, ID = 3.7 Ab
3.7
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V
VDS = 25 V
f = 1.0 MHz, see fig. 5
-
1100
-
pF
Output Capacitance
Coss
-
140
-
Reverse Transfer Capacitance
Crss
-15
-
Total Gate Charge
Qg
VGS = 10 V
ID = 4 A, V DS = 360 V,
see fig. 6 and 13b
--
39
nC
Gate-Source Charge
Qgs
--
10
Gate-Drain Charge
Qgd
--
19
Turn-On Delay Time
td(on)
VDD = 300 V, ID = 4 A
Rg = 9.1 , RD = 47, see fig. 10b
-12
-
ns
Rise Time
tr
-20
-
Turn-Off Delay Time
td(off)
-27
-
Fall Time
tf
-17
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
4.0
A
Pulsed Diode Forward Currenta
ISM
--
25
Body Diode Voltage
VSD
TJ = 25 °C, IS = 4 A, V GS = 0 Vb
--
1.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 4 A, dI/dt = 100 A/μs b
-
440
680
ns
Body Diode Reverse Recovery Charge
Qrr
-2.1
3.2
μC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G
VBM1602K / VBMB1602K
VBE1602K / VBF1602K
www.VBsemi.com
-
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com