công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RB520CS30L bảng dữ liệu(PDF) 3 Page - Nexperia B.V. All rights reserved

tên linh kiện RB520CS30L
Giải thích chi tiết về linh kiện  100 mA low VF MEGA Schottky barrier rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

RB520CS30L bảng dữ liệu(HTML) 3 Page - Nexperia B.V. All rights reserved

  RB520CS30L Datasheet HTML 1Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 2Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 3Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 4Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 5Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 6Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 7Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 8Page - Nexperia B.V. All rights reserved RB520CS30L Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
RB520CS30L
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 10 March 2011
3 of 14
Nexperia
RB520CS30L
100 mA low VF MEGA Schottky barrier rectifier
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[2]
Tj =25 °C prior to surge.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[4]
Reflow soldering is the only recommended soldering method.
[5]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
6.
Thermal characteristics
[1]
For Schottky barrier diodes thermal runaway has to be considered, as in some applications the reverse
power losses PR are a significant part of the total power losses.
[2]
Reflow soldering is the only recommended soldering method.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[4]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[5]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
[6]
Soldering point of cathode tab.
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1][2]
[3] -
-
395
K/W
[4] -
-
220
K/W
[5] -
-
145
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[6] --70
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com