công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADPDF3B14AY bảng dữ liệu(PDF) 4 Page - ITT Industries

tên linh kiện ADPDF3B14AY
Giải thích chi tiết về linh kiện  General Purpose Snap-acting Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

ADPDF3B14AY bảng dữ liệu(HTML) 4 Page - ITT Industries

  ADPDF3B14AY Datasheet HTML 1Page - ITT Industries ADPDF3B14AY Datasheet HTML 2Page - ITT Industries ADPDF3B14AY Datasheet HTML 3Page - ITT Industries ADPDF3B14AY Datasheet HTML 4Page - ITT Industries ADPDF3B14AY Datasheet HTML 5Page - ITT Industries ADPDF3B14AY Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
K
K–47
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K A Series
General Purpose Snap-acting Switches
ACTUATOR
FIG. 1
High Overtravel Plunger
A
B
FIG. 2
Leaf
A
B
C
FIG. 3
Lever Roller
A
B
C
D
E
A
B
C
D
E
F
FIG. 4
Lever roller (High Force)
FIG. 5
High Overtravel Plunger
A
B
C
D
.322
.003
(8,18
0,08)
.380 ± .003
?
(9,65 ± 0,08)
PANEL MOUNTING
A
B
C
FIG. 6
B1 – Black Button
BB – Red Button
PANEL MOUNTING
6-32 NC
THD (2)
—
—
.25 dia.
(6,4Ø)
.38
(9,6)
.670 ± .030
(17,02 ± 0,76)
.50
(12,7)
5
Q0
—
—
—
.50
(12,7)
.312 ± .062
(17,92 ± 1,57)
1.62
(41,1)
2
L0
—
—
.25 dia.
(6,4Ø)
.38
(9,7)
.810 ± .030
(20,6 ± 0,8)
.50
(12,7)
5
J0
—
—
—
.98 dia.
(24,9Ø)
.40
(10,2)
1.50
(38,1)
6
BB
—
—
—
.98 dia.
(24,9Ø)
.40
(10,2)
1.50
(38,1)
6
B1
—
—
.50
(12,7)
.375 dia.
(9,53Ø)
.718 ± .062
(18,24 ± 1,57)
1.25
(31,8)
4
A2
—
.50
(12,7)
.50
(12,7)
.375 dia.
(9,53Ø)
.718 ± .062
(18,24 ± 1,57)
1.38
(35,1)
3
A0
—
—
—
—
.285 ± .030
(7,24 ± 0,76)
.50
(12,7)
1
P0
DIM. F
DIM. E
DIM. D
DIM. C
DIM. B
DIM. A
FIG.
OPTION
CODE
NOTE: The “H0” high overtravel plunger option
provides .100 (2,54) min. overtravel and longer
mechanical life (1,000,000 operations typical).
FIG. 7
Lever
A
B
C
D
FIG. 8
Leaf Roller
A
B
C
D
T0
W0
7
8
1.50
(38,1)
1.50
(38,1)
.312 ± .062
(7,92 ± 1,57)
.718 ± .062
(18,24 ± 1,57)
.50
(12,7)
.375 dia.
(9,53ø)
.50
(12,7)
.50
(12,7)
—
—
—
—



Html Pages

1 2 3 4 5 6