| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DPA bảng dữ liệu(PDF) 4 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DPA bảng dữ liệu(HTML) 4 Page - ITT Industries |
|
4 / 4 page ![]() www.ittcannon.com 95 Dimensions are shown in inches (millimeters). Dimensions subject to change. Miniature Rack and Panel DPA Contact Terminations Contact Arrangements Code 1 2 3 4 5 6 .156 (3.96) DIA. 7 8 9 10 11 .096 (2.44) DIA. .067 (1.70) DIA. .040 (1.02) DIA. HV#20 .067 (1.70) DIA. All dimensions are + _ .010 (0.25) unless indicated otherwise. Special RG-187/U RG-188/U RG-178A/U RG-196/U High Voltage wire accommodation RG-187/U RG-188/U .062 (1.58) DIA. .145 (3.68) DIA. .123 (3.12) DIA. #20 CONTACT .040 (1.02) DIA. Contact Size Contact Extension 20 .156 (3.96) .156 (3.96) 1.562 (39.68) .625 (15.88) .937 (23.80) 1.468 (37.29) APPROX. 1.562 (39.68) .656 (16.66) CABLE ENTRY .937 (23.80) 1.562 (39.68) .656 (16.66) CABLE ENTRY 1.046 (26.57) 1.250 (31.75) 1.000 (25.40) 2.000 (50.80) APPROX. 18 .140 (3.56) .250 (6.35) 14 .125 (3.18) .344 (8.74) 12 .218 (5.54) .218 (5.54) 8 .218 (5.54) .266 (6.76) 4 .250 (6.35) .531 (13.49) Pin Socket RG-59B/U RG-62A/U RG-187/U RG-188/U RG-58C/U RG-58C/U #20 captive contact RG-178A/U RG-196/U Cable Accommodation MAX. CONTACT EXTENSION from rear of insulator Dust Caps 22054 Potting Shell 20746 Straight Junction Shell DPA-59 FOR 33 SHELLS 025-0572-000 DPA-60 FOR 34 SHELLS 025-0573-000 Conductive: DPA-60-1 025-0573-001 (Protects Against Static Electricity 20746-1 90˚ Angle Junction Shell |