| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD6654/PCB bảng dữ liệu(PDF) 68 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6654/PCB bảng dữ liệu(HTML) 68 Page - Analog Devices |
|
68 / 88 page ![]() AD6654 Rev. 0 | Page 68 of 88 LSBFIRST Mode Using Single Byte Block Transfers SerialWrite(0x98); //CRCF Start Address SerialWrite(0x01); SerialWrite(0x00); SerialWrite(0x99); //CRCF Final Address SerialWrite(0x01); SerialWrite(N-1); //N is the number of coefficients for (i=0 ; i < N; i++) { // writing registers SerialWrite(0x9C); //LSB written first SerialWrite(0x01); //data bits[7:0] SerialWrite(coeff[i] & 0xFF); SerialWrite(0x9D); SerialWrite(0x01); //data bits[15:8] SerialWrite(coeff[i] >> 8 & 0xFF); SerialWrite(0x9E); //MSB written last SerialWrite(0x01); //data bits[23:16] SerialWrite(coeff[i] >> 16 & 0xFF); } SerialWrite(0x98); //CRCF Start Address SerialWrite(0x01); SerialWrite(0x00); SerialWrite(0x99); //CRCF Final Address SerialWrite(0x01); SerialWrite(N-1); //N is the number of coefficients for (i=0 ; i < N; i++) { //reading registers SerialWrite(0x9C); //LSB readback first SerialWrite(0x81); //data bits[7:0] Coeff[i] = SerialRead(); SerialWrite(0x9D); SerialWrite(0x81); //data bits[15:8] Coeff[i] |= SerialRead() << 8; SerialWrite(0x9E); //MSB readback last SerialWrite(0x81); //data bits[23:16] Coeff[i] |= SerialRead() << 16; } MSBFIRST Mode Using Multi Byte Block Transfers SerialWrite(0x99); //CRCF Final Address SerialWrite(0x02); SerialWrite(N-1); //N is the number of coefficients SerialWrite(0x00); for (i=0 ; i < N; i++) { //writing registers SerialWrite(0x9E); SerialWrite(0x03); //data bits[23:16] SerialWrite(coeff[i] >> 16 & 0xFF); //data bits[15:8] SerialWrite(coeff[i] >> 8 & 0xFF); //data bits[7:0] SerialWrite(coeff[i] & 0xFF); } SerialWrite(0x99); //CRCF Final Address SerialWrite(0x02); SerialWrite(N-1); //N is the number of coefficients SerialWrite(0x00); for (i=0 ; i < N; i++) { //reading registers SerialWrite(0x9E); SerialWrite(0x83); //data bits[23:16] Coeff[i] = SerialRead() << 16; //data bits[15:8] Coeff[i] |= SerialRead() << 8; //data bits[7:0] Coeff[i] |= SerialRead(); } LSBFIRST Mode Using Multi Byte Block Transfers SerialWrite(0x98); //CRCF Start Address SerialWrite(0x02); SerialWrite(0x00); SerialWrite(N-1); //N is the number of coefficients for (i=0 ; i < N; i++) { //writing registers SerialWrite(0x9C); SerialWrite(0x03); //data bits[7:0] SerialWrite(coeff[i] & 0xFF); //data bits[15:8] SerialWrite(coeff[i] >> 8 & 0xFF); //data bits[23:16] SerialWrite(coeff[i] >> 16 & 0xFF); } SerialWrite(0x98); //CRCF Start Address SerialWrite(0x02); SerialWrite(0x00); SerialWrite(N-1); //N is the number of coefficients for (i=0 ; i < N; i++) { //reading registers SerialWrite(0x9C); SerialWrite(0x83); //data bits[7:0] Coeff[i] = SerialRead(); //data bits[15:8] Coeff[i] |= SerialRead() << 8; //data bits[23:16] Coeff[i] |= SerialRead() << 16; } |