| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASPDC2T04AY bảng dữ liệu(PDF) 4 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
ASPDC2T04AY bảng dữ liệu(HTML) 4 Page - ITT Industries |
|
4 / 6 page ![]() K K–47 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com C&K A Series General Purpose Snap-acting Switches ACTUATOR FIG. 1 High Overtravel Plunger A B FIG. 2 Leaf A B C FIG. 3 Lever Roller A B C D E A B C D E F FIG. 4 Lever roller (High Force) FIG. 5 High Overtravel Plunger A B C D .322 .003 (8,18 0,08) .380 ± .003 ? (9,65 ± 0,08) PANEL MOUNTING A B C FIG. 6 B1 – Black Button BB – Red Button PANEL MOUNTING 6-32 NC THD (2) — — .25 dia. (6,4Ø) .38 (9,6) .670 ± .030 (17,02 ± 0,76) .50 (12,7) 5 Q0 — — — .50 (12,7) .312 ± .062 (17,92 ± 1,57) 1.62 (41,1) 2 L0 — — .25 dia. (6,4Ø) .38 (9,7) .810 ± .030 (20,6 ± 0,8) .50 (12,7) 5 J0 — — — .98 dia. (24,9Ø) .40 (10,2) 1.50 (38,1) 6 BB — — — .98 dia. (24,9Ø) .40 (10,2) 1.50 (38,1) 6 B1 — — .50 (12,7) .375 dia. (9,53Ø) .718 ± .062 (18,24 ± 1,57) 1.25 (31,8) 4 A2 — .50 (12,7) .50 (12,7) .375 dia. (9,53Ø) .718 ± .062 (18,24 ± 1,57) 1.38 (35,1) 3 A0 — — — — .285 ± .030 (7,24 ± 0,76) .50 (12,7) 1 P0 DIM. F DIM. E DIM. D DIM. C DIM. B DIM. A FIG. OPTION CODE NOTE: The “H0” high overtravel plunger option provides .100 (2,54) min. overtravel and longer mechanical life (1,000,000 operations typical). FIG. 7 Lever A B C D FIG. 8 Leaf Roller A B C D T0 W0 7 8 1.50 (38,1) 1.50 (38,1) .312 ± .062 (7,92 ± 1,57) .718 ± .062 (18,24 ± 1,57) .50 (12,7) .375 dia. (9,53ø) .50 (12,7) .50 (12,7) — — — — |