| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BY21AF2CWCDG2 bảng dữ liệu(PDF) 3 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
BY21AF2CWCDG2 bảng dữ liệu(HTML) 3 Page - ITT Industries |
|
3 / 5 page ![]() M M–24 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com KEYING .798 (20,26) 1.733 (44,01) .775 (19,68) NICKEL PLATED BRASS KEY Key part number: 115140126 NICKEL PLATED BRASS KEY WITH PLASTIC INSERT MOLDED ROUND HEAD Key part number: 16564112602 = Detent Positions (45º or 90º ) = Key pull possible in these positions. = Stop Positions LEGEND TERMINAL NUMBERS Terminal numbers molded on housing. NOTE: Keys available separately, see page M-26. NO YES 2 NICKEL PLATED BRASS KEYS 2 NO YES 1 PLASTIC ROUND HEAD KEY, 1 NICKEL PLATED BRASS KEY J CODE NO. ON LOCK CODE NO. ON KEY KEYING OPTIONS OPTION CODE BLACK 2 NICKEL PLATED BRASS NONE KEY COLOR OPTION CODE 3/4 - 24 UNS THD. MOUNTING NUT INCLUDED STD., CLIP AVAILABLE. TERMINAL NUMBERS MOLDED ON HOUSING 45º Positions 1, 2 & 3 7-8 7-8, 3-4 1-2 1-2, 5-6 8-1 8-1, 4-5 BY01AF BY21AF SP DP WITH PAWL INDEXING LOCK CONFIGURATION KEY PULL POSITIONS CONNECTED TERMINALS POS. 1 POS. 2 POS. 3 MODEL NO. NO. POLES Part number shown: BY01AFJC03LQ22 With Pawl All models with all options when ordered with ‘G’ or ‘Q’ contact material. KEYING KEY COLOR C&K BY Series 4 Tumbler Value Added Security Switchlocks SWITCH AND LOCK FUNCTION NOTE: Key head shape subject to change without notice. |