| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASPDC2P04AY bảng dữ liệu(PDF) 6 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
ASPDC2P04AY bảng dữ liệu(HTML) 6 Page - ITT Industries |
|
6 / 6 page ![]() K K–49 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com C&K A Series General Purpose Snap-acting Switches TERMINATIONS CIRCUITRY Y ST N.O. (Single Throw, Normally Open) W ST N.C. (Single Throw, Normally Closed) C DT (Double Throw, Normally Open & Normally Closed) 4A .250" QUICK CONNECT NOTE: To select number of poles, see NO. POLES section, page K-45. NOTE: Terminals can be supplied at various angles. Other terminal styles can be supplied for special applications. Consult Customer Service Center for special requirements. |