công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC541AQ bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp

tên linh kiện 74LVC541AQ
Giải thích chi tiết về linh kiện  3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74LVC541AQ bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp

  74LVC541AQ Datasheet HTML 1Page - Renesas Technology Corp 74LVC541AQ Datasheet HTML 2Page - Renesas Technology Corp 74LVC541AQ Datasheet HTML 3Page - Renesas Technology Corp 74LVC541AQ Datasheet HTML 4Page - Renesas Technology Corp 74LVC541AQ Datasheet HTML 5Page - Renesas Technology Corp 74LVC541AQ Datasheet HTML 6Page - Renesas Technology Corp 74LVC541AQ Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74LVC541A
3.3VCMOSOCTALBUFFER/DRIVERWITH3-STATEOUTPUTS
NOTE:
1. As applicable to the device type.
Symbol
Parameter
(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
4.5
6
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8
pF
CI/O
I/O Port Capacitance
VIN = 0V
6.5
8
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
Symbol
Description
Max
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +6.5
V
TSTG
Storage Temperature
–65 to +150
° C
IOUT
DC Output Current
–50 to +50
mA
IIK
Continuous Clamp Current,
–50
mA
IOK
VI < 0 or VO < 0
ICC
Continuous Current through each
±100
mA
ISS
VCC or GND
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
PIN CONFIGURATION
QSOP
TOP VIEW
2
3
1
A1
VCC
16
15
14
Y4
Y3
Y5
Y1
Y2
11
Y7
Y6
Y8
19
18
20
17
13
12
OE1
5
6
A6
7
A4
A5
4
A2
A3
8
9
GND
10
A7
A8
OE2
NOTE:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Z = High-Impedance
Inputs
Outputs
OE1
OE2
xAx
xYx
L
LLL
LL
H
H
HX
X
Z
XH
X
Z
FUNCTION TABLE(1)
Pin Names
Description
OE1, OE2
Output Enable Inputs (Active LOW)
A x
Data Inputs
Y x
DataOutputs
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com