công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79C874 bảng dữ liệu(PDF) 38 Page - Advanced Micro Devices

tên linh kiện AM79C874
Giải thích chi tiết về linh kiện  NetPHY-1LP Low Power 10/100-TX/FX Ethernet Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C874 bảng dữ liệu(HTML) 38 Page - Advanced Micro Devices

Back Button AM79C874 Datasheet HTML 34Page - Advanced Micro Devices AM79C874 Datasheet HTML 35Page - Advanced Micro Devices AM79C874 Datasheet HTML 36Page - Advanced Micro Devices AM79C874 Datasheet HTML 37Page - Advanced Micro Devices AM79C874 Datasheet HTML 38Page - Advanced Micro Devices AM79C874 Datasheet HTML 39Page - Advanced Micro Devices AM79C874 Datasheet HTML 40Page - Advanced Micro Devices AM79C874 Datasheet HTML 41Page - Advanced Micro Devices AM79C874 Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
38
Am79C874
P R E L I M INARY
Power/Loopback Register (Register 19)
Table 22.
Power/Loopback Register (Register 19)
Reg
Bit
Name
Description
Read/
Write
Default
19
14:7
Reserved
RW
00
19
6
TP125
Transmit transformer ratio selection:
1 = 1.25:1
0 = 1:1
The default value of this bit is controlled by reset-read value of pin
20.
RW
0
19
5
Low Power Mode
1 = Enable advanced power saving mode.
0 = Disable advanced power saving mode
Note: Under normal operating conditions, this mode should never
be disabled. Power dissipation will exceed data sheet values, as
circuitry for both 10 Mbps and 100 Mbps will be turned on.
RW
1
19
4
Test Loopback
1 = Enable test loopback. Data will be transmitted from MII
interface to clock recovery and loopback to MII received data.
RW
0
19
3
Digital loopback
1 = Enable loopback.
0 = Normal operation.
RW
0
19
2
LP_LPBK
1 = Enable link pulse loopback.
0 = Normal operation.
RW
0
19
1
NLP Link Integrity
Test
1 = In Auto-Negotiation test mode, send NLP instead of FLP in
order to test NLP receive integrity.
0 = Sending FLP in Auto-Negotiation test mode.
RW
0
19
0
Reduce Timer
1 = Reduce time constant for Auto-Negotiation timer.
0 = Normal operation.
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com