| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7260 bảng dữ liệu(PDF) 115 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7260 bảng dữ liệu(HTML) 115 Page - STMicroelectronics |
|
115 / 117 page ![]() ST7260 115/117 Figure 68. Identifying Silicon Revision from Device Marking and Box Label Bulk ID Marking Trace code Total Qty TYPE XXXXXXXXXXXX XXXXXXXXXX B XXXXXXXXX XX XX XX xxxxxxxxxxx$x7 ST7xxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx 1. Identify the silicon revision letter from either the device package or the box label. For example, “B”, etc. 2. If the revision letter is not present, obtain the silicon revision by contacting your local ST office with the trace code information printed on either the box label or the device package. Device package example Example box label The silicon revision can be identified either by Rev letter or obtained via a trace code. Follow the procedure below: Silicon Rev Trace code Silicon Rev |