| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EP2-B3G2ST bảng dữ liệu(PDF) 2 Page - NEC |
|
|
|||||||||||||||||||||||||||||
EP2-B3G2ST bảng dữ liệu(HTML) 2 Page - NEC |
|
2 / 12 page ![]() 2 DESCRIPTION EN2 Series The EN2, EP2, EPI and MR301 series power relays can meet the requirements of high quality and reliability in automotive eIectronics applications. The EN2 and EP2 series are the twin relays which have two units in one package and smaller than conventional two relays. These relays are divided into two types for different usage. One is H bridge type and the other is separate type. The EN2 series is suitable for heavy load applications (35 A max.). The EP2 series is designed for medium load applications (25 A max.). The EP1 and MR301 series are the 1C contact form relays. Many of these relays have been used in automotive electronics applications throughout the world. FEATURES q Twin relay for motor and solenoid reversible control q 30% Iess relay space than conventional two relays q Contact switching current of 35 A max. q High performance and productivity by unique symmetrical structure q Flux tight housing q Delivered in stick-tube for automatic insertion machine q Washable type available PART NUMBERS AND COIL RATINGS Nominal Coil Nominal Must Must Nominal Voltage Resistance Current Operate Voltage Release Voltage Operate Power (Vdc) ( Ω ± 10%) (mA) (Vdc max.) (Vdc min.) (W) 12 125 96.0 6.5 0.6 1.15 12 125 96.0 7.0 0.6 1.15 12 180 67.0 7.5 0.6 0.8 12 180 67.0 8.0 0.6 0.8 12 250 53.0 8.0 0.9 0.64 12 250 53.0 8.5 0.9 0.64 Part Numbers H Bridge Type Separate Type EN2-1N1S EN2-1N1ST EN2-1N2S EN2-1N2ST EN2-2N3S EN2-2N3ST EN2-2N4S EN2-2N4ST EN2-3N4S EN2-3N4ST EN2-3N5S EN2-3N5ST at 25˚C (77˚F) s PART NUMBER SYSTEM EN2-B1N1ST Wiring Type Enclosure Carrying Current Capacity Contact Material Operate Voltage (at 25 °C) Coil Resistance (at 25 °C) Nil : H bridge type T : Sparate type Nil : Unsealed S : Ssaled 1 : 6.5 V max. 2 : 7.0 V max. 3 : 7.5 V max. 4 : 8.0 V max. 5 : 8.5 V max. Nil : Standard type B : High current type 1 : 125 Ω ± 10% 2 : 180 Ω ± 10% 3 : 225 Ω ± 10% N : Silver oxide complex alloy type I H : Silver oxide complex alloy type II |