công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STP04CM596B1R bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện STP04CM596B1R
Giải thích chi tiết về linh kiện  4-Bit constant current for power-LED, LED sink driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP04CM596B1R bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button STP04CM596B1R Datasheet HTML 7Page - STMicroelectronics STP04CM596B1R Datasheet HTML 8Page - STMicroelectronics STP04CM596B1R Datasheet HTML 9Page - STMicroelectronics STP04CM596B1R Datasheet HTML 10Page - STMicroelectronics STP04CM596B1R Datasheet HTML 11Page - STMicroelectronics STP04CM596B1R Datasheet HTML 12Page - STMicroelectronics STP04CM596B1R Datasheet HTML 13Page - STMicroelectronics STP04CM596B1R Datasheet HTML 14Page - STMicroelectronics STP04CM596B1R Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
STP04CM596
Timing diagrams
11/24
6
Timing diagrams
Figure 7.
Timing diagram
Note:
The latches circuit holds data when the LE terminal is Low.
1
When the LE terminal is at a High level, the latch circuit holds the data it passes from the
input to the output.
2
When the OE terminal is at a Low level, the output terminals OUT0 to OUT3 respond to the
data, either ON or OFF.
3
When the OE terminal is at a High level, it switches off all the data on the output terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24