| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSM114 bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSM114 bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 14 page ![]() TSM114 Electrical Characteristics 4/14 Idtrm Current discharge of TRem 2 5 mA Vtrmol Low output voltage 0.2 V Vtrmoh Clamp voltage 3.3 3.6 3.9 V Vintrm Input voltage -0.3 3.3 V DIotrm Current source drift in temperature Tmin. < Tamb < Tmax 2 µA Power Good (PG) Ipgol Sink current VolPg=0.2V 10 mA Vpgol Low output voltage Isink=10mA 0.2 V Tpgr Rise time PG Rpg=1K 500 nS Tpg Iotpg Current source 9 10 11 µA THtpg High threshold From low to high 2.425 2.50 2.575 V TLtpg Low threshold From high to low 1.9 2 2.1 V Idtpg Current discharge 2 5 mA Vtpgol Low output voltage 0.2 V Vtpgoh Clamp voltage 3.3 3.6 3.9 V Vintpg Input voltage -0.3 3.3 V DIotpg Current source drift in temperature Tmin. < Tamb < Tmax 2 µA Fault Ifltol IFault sink current VolFault=0.2V 10 mA Vfltol Low output voltage IsinkFault=10mA 0.2 V Rcrnt VRcrn Output voltage 1.93 2.02 2.11 V 1) DisVs33 disable voltage shall be between 4V and Vcc. When using DisVs33 disable function, connected to Vcc is better. Symbol Parameter Test Condition Min Typ Max Unit |