công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMP1012USS-13 bảng dữ liệu(PDF) 2 Page - Diodes Incorporated

tên linh kiện DMP1012USS-13
Giải thích chi tiết về linh kiện  12V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP1012USS-13 bảng dữ liệu(HTML) 2 Page - Diodes Incorporated

  DMP1012USS-13 Datasheet HTML 1Page - Diodes Incorporated DMP1012USS-13 Datasheet HTML 2Page - Diodes Incorporated DMP1012USS-13 Datasheet HTML 3Page - Diodes Incorporated DMP1012USS-13 Datasheet HTML 4Page - Diodes Incorporated DMP1012USS-13 Datasheet HTML 5Page - Diodes Incorporated DMP1012USS-13 Datasheet HTML 6Page - Diodes Incorporated DMP1012USS-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMP1012USS
Document number: DS40492 Rev. 3 - 2
2 of 7
www.diodes.com
August 2018
© Diodes Incorporated
DMP1012USS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-12
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 6) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-8.5
-6.8
A
Pulsed Drain Current (10
s Pulse, Duty Cycle = 1%)
IDM
-40
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
-2
A
Pulsed Body Diode Forward Current (10
s Pulse, Duty Cycle = 1%)
ISM
-40
A
Avalanche Current (Note 7) L = 0.1mH
IAS
-21
A
Avalanche Energy (Note 7) L = 0.1mH
EAS
22
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
Steady State
TA = +25°C
PD
1.3
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RJA
99
°C/W
Total Power Dissipation (Note 6)
Steady State
TA = +25°C
PD
1.6
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RJA
77
°C/W
Thermal Resistance, Junction to Case (Note 6)
RJC
13
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
-12
—
—
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
IDSS
—
—
-1
µA
VDS = -9.6V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
-0.4
—
-1.0
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS(ON)
—
9
15
m
VGS = -4.5V, ID = -9A
10
20
VGS = -3.7V, ID = -7A
11
25
VGS = -3.3V, ID = -7A
13
30
VGS = -2.5V, ID = -6A
18
40
VGS = -1.8V, ID = -4A
Diode Forward Voltage
VSD
—
-0.8
-1.2
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
—
1344
—
pF
VDS = -10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
342
—
Reverse Transfer Capacitance
Crss
—
297
—
Gate Resistance
Rg
—
15
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -4.5V)
Qg
—
19.5
—
nC
VDS = -6V, ID = -10A
Total Gate Charge (VGS = -8V)
Qg
—
31
—
Gate-Source Charge
Qgs
—
2.1
—
Gate-Drain Charge
Qgd
—
7.9
—
Turn-On Delay Time
tD(ON)
—
6.0
—
ns
VDS = -6V, VGS = -4.5V,
Rg = 1Ω, ID = -8A
Turn-On Rise Time
tR
—
32
—
Turn-Off Delay Time
tD(OFF)
—
71
—
Turn-Off Fall Time
tF
—
85
—
Reverse Recovery Time
tRR
—
46
—
ns
IF = -12A, di/dt = 500A/μs
Reverse Recovery Charge
QRR
—
44
—
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com