công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74FCT807BTPYGI bảng dữ liệu(PDF) 2 Page - Renesas Technology Corp

tên linh kiện 74FCT807BTPYGI
Giải thích chi tiết về linh kiện  FAST CMOS 1-TO-10 CLOCK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT807BTPYGI bảng dữ liệu(HTML) 2 Page - Renesas Technology Corp

  74FCT807BTPYGI Datasheet HTML 1Page - Renesas Technology Corp 74FCT807BTPYGI Datasheet HTML 2Page - Renesas Technology Corp 74FCT807BTPYGI Datasheet HTML 3Page - Renesas Technology Corp 74FCT807BTPYGI Datasheet HTML 4Page - Renesas Technology Corp 74FCT807BTPYGI Datasheet HTML 5Page - Renesas Technology Corp 74FCT807BTPYGI Datasheet HTML 6Page - Renesas Technology Corp 74FCT807BTPYGI Datasheet HTML 7Page - Renesas Technology Corp 74FCT807BTPYGI Datasheet HTML 8Page - Renesas Technology Corp 74FCT807BTPYGI Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT74FCT807BT/CT
FAST CMOS 1-TO-10 CLOCK DRIVER
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Description
Max
Unit
VTERM
TerminalVoltagewithRespecttoGND
–0.5 to +7
V
TSTG
StorageTemperature
–65to+150
°C
IOUT
DCOutputCurrent
–60to+120
mA
PIN DESCRIPTION
Pin Names
Description
IN
Inputs
Ox
Outputs
CAPACITANCE (TA = +25OC, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
InputCapacitance
VIN = 0V
4.5
6
pF
COUT
OutputCapacitance
VOUT = 0V
5.5
8
pF
NOTE:
1. This parameter is measured at characterization but not tested.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Commercial: TA = 0°C to +70°C, Industrial: TA = -40°C to +85°C, VCC = 5V ± 5%
Symbol
Parameter
TestConditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level (Input pins)
Guaranteed Logic HIGH Level
2
—
—
V
VIL
Input LOW Level
GuaranteedLogicLOWLevel
—
—
0.8
V
IIH
Input HIGH Current (Input pins)
VCC = Max.
VI = 2.7V
—
—
±1µA
IIL
InputLOWCurrent(Inputpins)
VCC = Max.
VI = 0.5V
—
—
±1µA
IOZH
HighImpedanceOutputCurrent
VCC = Max.
VO = 2.7V
—
—
±1µA
IOZL
(3-StateOutputpins)
VO = 0.5V
—
—
±1
II
Input HIGH Current
VCC = Max., VI = VCC (Max.)
—
—
±1µA
VIK
ClampDiodeVoltage
VCC = Min., IIN = –18mA
—
–0.7
–1.2
V
IOS
ShortCircuitCurrent(4)
VCC = Max., VO = GND(3)
–60
–120
–225
mA
VOH
Output HIGH Voltage
VCC = Min.
IOH = –15mA
2.4
3.3
—
V
VIN = VIH or VIL
IOH = –32mA
2
3
—
VOL
OutputLOWVoltage
VCC = Min.
IOL = 48mA
—
0.3
0.55
V
VIN = VIH or VIL
IOFF
Input/OutputPowerOffLeakage
VCC = 0V, VIN or VO
≤4.5V
—
—
±1µA
VH
Input Hysteresis for all inputs
—
—
150
—
mV
ICCL
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
—
5
500
µA
ICCH
ICCZ
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5V, +25°C ambient.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Duration of the condition should not exceed one second.
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com