công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74FCT16952CTPVG bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện 74FCT16952CTPVG
Giải thích chi tiết về linh kiện  FAST CMOS 16-BIT REGISTERED TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT16952CTPVG bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  74FCT16952CTPVG Datasheet HTML 1Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 2Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 3Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 4Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 5Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 6Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 7Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
IDT74FCT16952AT/CT/ET
FASTCMOS16-BITREGISTEREDTRANSCEIVER
INDUSTRIALTEMPERATURERANGE
FEATURES:
• 0.5 MICRON CMOS Technology
• High-speed, low-power CMOS replacement for ABT functions
• Typical tSK(o) (Output Skew) < 250ps
• Low input and output leakage
≤≤≤≤≤1µA (max.)
• High drive outputs (-32mA IOH, 64mA IOL)
• Power off disable outputs permit “live insertion”
• Typical VOLP (Output Ground Bounce) < 1.0V at VCC = 5V,
TA = 25°C
• Available in SSOP and TSSOP packages
FUNCTIONAL BLOCK DIAGRAM
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
MAY 2018
INDUSTRIAL TEMPERATURE RANGE
DSC-5442/7
IDT74FCT16952AT/CT/ET
FAST CMOS
16-BIT REGISTERED
TRANSCEIVER
DESCRIPTION:
The FCT16952T 16-bit registered transceiver is built using advanced
dual metal CMOS technology. These high-speed, low-power devices are
organized as two independent 8-bit D-type registered transceivers with
separateinputandoutputcontrolforindependentcontrolofdataflowineither
direction. For example, the A-to-B Enable (xCEAB) must be low to enter
data from the A port. xCLKAB controls the clocking function. When xCLKAB
toggles from low-to-high, the data present on the A port will be clocked into
the register. xOEABperforms the output enable function on the B port. Data
flow from the B port to A port is similar but requires using xCEBA, xCLKBA,
and xOEBAinputs. Full 16-bit operation is achieved by tying the control pins
of the independent transceivers together.
The FCT16952T is ideally suited for driving high-capacitance loads and
low-impedance backplanes. The output buffers are designed with power off
disablecapabilityallowing"liveinsertion"ofboardswhenusedasbackplane
drivers.
2
OEAB
2
CEBA
2
CLKBA
2
OEBA
2
CEAB
2
CLKAB
2
A1
2
B1
TO SEVEN OTHER CHANNELS
D
C
D
C
CE
CE
1
OEAB
1
CEBA
1
CLKBA
1
OEBA
1
CEAB
1
CLKAB
1
A1
1
B1
TO SEVEN OTHER CHANNELS
D
C
D
C
CE
CE
54
55
1
3
2
56
5
52
31
30
28
26
27
29
15
42
© 2018 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.


Số phần tương tự - 74FCT16952CTPVG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
74FCT16952CTPVG IDT-74FCT16952CTPVG Datasheet
90Kb / 7P
FAST CMOS 16-BIT REGISTERED TRANSCEIVER
74FCT16952CTPVG8 IDT-74FCT16952CTPVG8 Datasheet
90Kb / 7P
FAST CMOS 16-BIT REGISTERED TRANSCEIVER
More results

Mô tả tương tự - 74FCT16952CTPVG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Integrated Device Techn...
IDT74FCT162511AT IDT-IDT74FCT162511AT Datasheet
204Kb / 11P
FAST CMOS 16-BIT REGISTERED/LATCHED TRANSCEIVER WITH PARITY
IDT74FCT163952A IDT-IDT74FCT163952A Datasheet
105Kb / 7P
3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT16501AT IDT-IDT74FCT16501AT Datasheet
140Kb / 9P
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74FCT162511 PERICOM-PI74FCT162511 Datasheet
87Kb / 8P
Fast CMOS 16-Bit Registered/Latched Transceiver With Parity
logo
Integrated Device Techn...
IDT74FCT16952AT IDT-IDT74FCT16952AT Datasheet
66Kb / 7P
FAST CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT16501AT IDT-IDT74FCT16501AT_06 Datasheet
79Kb / 7P
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74LVCH16543A IDT-IDT74LVCH16543A_16 Datasheet
234Kb / 6P
3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT16952AT IDT-IDT74FCT16952AT_18 Datasheet
90Kb / 7P
FAST CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
IDT74FCT16501AT RENESAS-IDT74FCT16501AT Datasheet
241Kb / 8P
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com