công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VBBC1309 bảng dữ liệu(PDF) 2 Page - VBsemi Electronics Co.,Ltd

tên linh kiện VBBC1309
Giải thích chi tiết về linh kiện  N-Channel 30-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VBSEMI [VBsemi Electronics Co.,Ltd]
Trang chủ  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBBC1309 bảng dữ liệu(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VBBC1309 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBBC1309 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBBC1309 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBBC1309 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBBC1309 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBBC1309 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBBC1309 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
2
6
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 6
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.8
2.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 10 A
Ω
VGS = 4.5 V, ID = 9 A
Forward Transconductancea
gfs
VDS = 15 V, ID = 10 A
5
0
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
8
00
pF
Output Capacitance
Coss
1
65
Reverse Transfer Capacitance
Crss
73
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 10 A
15
23
nC
VDS = 15 V, VGS = 5 V, ID = 10 A
6.8
10.2
Gate-Source Charge
Qgs
2.5
Gate-Drain Charge
Qgd
2.3
Gate Resistance
Rg
f = 1 MHz
0.36
1.8
3.6
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.4 Ω
ID ≅ 9 A, VGEN = 4.5 V, Rg = 1 Ω
16
2
3
ns
Rise Time
tr
12
1
6
Turn-Off Delay Time
td(off)
16
2
2
Fall Time
tf
10
18
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.4 Ω
ID ≅ 9 A, VGEN = 10 V, Rg = 1 Ω
816
Rise Time
tr
10
20
Turn-Off Delay Time
td(off)
16
2
2
Fall Time
tf
815
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
10
A
Pulse Diode Forward Currenta
ISM
50
Body Diode Voltage
VSD
IS = 9 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 9 A, dI/dt = 100 A/µs, TJ = 25 °C
15
30
ns
Body Diode Reverse Recovery Charge
Qrr
612
nC
Reverse Recovery Fall Time
ta
8
ns
Reverse Recovery Rise Time
tb
7
VBBC1309
www.VBsemi.com
0.0
08
0.0
11
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com