công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PRS-300-RM bảng dữ liệu(PDF) 4 Page - IET Labs Inc.

tên linh kiện PRS-300-RM
Giải thích chi tiết về linh kiện  Self-Adjusting Programmable Resistance Decade Substituter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IET [IET Labs Inc.]
Trang chủ  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

PRS-300-RM bảng dữ liệu(HTML) 4 Page - IET Labs Inc.

  PRS-300-RM Datasheet HTML 1Page - IET Labs Inc. PRS-300-RM Datasheet HTML 2Page - IET Labs Inc. PRS-300-RM Datasheet HTML 3Page - IET Labs Inc. PRS-300-RM Datasheet HTML 4Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • EMAIL: info@ietlabs.com
Self-Adjusting Programmable
Resistance Decade Substituter
PRS-370
Page 4 of 4
PRS-370 Catalog March 2020
SPECIFICATIONS
User interface:
Numeric keypad, softkeys and color capacitive touch
screen
Accuracy:
±(70 µΩ/Ω + 1 mΩ) 2 and 4 Terminal at 23°C ±5°C
Minimum setting: 0.100 000 Ω
Resolution: 1 µΩ or 6 digits
Range: 0.1 Ω - 20 MΩ
Stability: ±50 ppm/year ; < ±5 ppm/30 minutes
Thermal emf: < 15 µV
Resistance error front to rear binding posts:
< ±(2 ppm + 20 µΩ)
Maximum load: 2 A, 200 V (peak), 0.5 W whichever
applies first
Resistors: Precision wire-wound and metal foil
Relays1: Silver Alloy contacts, expected life of 108 cycles
RTD tables:
4 RTD tables can be entered into memory to allow user
selection of temperature and the correct value of resis-
tance will automatically be programmed.
PT-100 and PT-1000 tables for both Fahrenheit and Cel-
sius are pre-programmed into memory locations 1 to 4.
Terminals:
Front and rear connections each consisting of 4 low-emf,
gold-plated, tellurium-copper 5-way binding posts are
used for HI and LO terminal pairs for CURRENT and
SENSE. GND binding post is connected to the case, to
chassis ground.
Adjustment:
Automatic adjustment procedure utilizing a high preci-
sion DMM eliminates the requirement for manual trim-
ming of resistors.
ac frequency response:
Residual Capacitance Terminals to GND: < 850 pF
Resistance
Typical ac/dc difference @ 1 kHz
0.1 Ω -10 kΩ
<100 ppm
10 - 100 kΩ
<200 ppm
100 kΩ - 1 MΩ
<1%
1 - 20 MΩ
<20%
Switching time: <10 ms second per change
Switching: Default, Open and Short
GPIB:
GPIB standard 24 pin connector, conforms to IEEE-
488.2
SCPI 1994.0 command set;
Address range of 1 to 30
Listener and controller modes
Power requirements:
90 - 264 Vac , 47 - 63 Hz., 30 Watts Max.
Fuse: T 0.8 A, 250 V, 5 x 20 mm
Environmental conditions:
Operating: 10°C to 40°C; <80% RH
Storage: -40°C to 70°C
Dimensions:
Bench model: 43 cm W x 8.9 cm H x 33 cm D (17" x
3.5" x 13") in front of panel: 3.8 cm (1.5").
Weight:
Bench model: 5.5 kg (12 lb) weight specifications are
nominal.
STANDARD MODELS
PRS-370
Programmable Resistance Substituter
Includes:
Instruction Manual
Calibration Certificate Traceable to SI
ORDERING INFORMATION
OTHER OPTIONS
PRS-300-RM
Rack mount ears
1 Note: Warranty does not cover relays beyond expected life



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com