| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADPDF3B14AC bảng dữ liệu(PDF) 5 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
ADPDF3B14AC bảng dữ liệu(HTML) 5 Page - ITT Industries |
|
5 / 6 page ![]() K K–48 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com C&K A Series General Purpose Snap-acting Switches ACTUATOR .718 (18,24) .062 (1,57) .281 (7,14) .094 (2,39) 0.5 1 2 14 28 56.7 3 12 18 22 85 340 510 624 W0 .312 (7,92) .187 (4,75) .312 (7,92) .062 (1,57) 0.3 0.5 1 8.5 14 28 1.5 4 6 10 42.5 113 170 283 T0 — .050 (1,27) .050 (1,27) .010 (0,25) 13 6 28 85 170 5 20 30 40 142 567 850 1134 Q0 — .050 (1,27) .050 (1,27) .010 (0,25) 13 6 28 85 170 8 20 30 40 227 567 850 1134 P0 .312 (7,92) .062 (1,57) .281 (7,14) .094 (2,39) 0.5 12 14 28 56.7 3 12 18 22 85 340 510 624 L0 — .187 (4,75) .050 (1,27) .010 (0,25) 13 6 28 85 170 5 20 30 40 142 567 850 1134 J0 — .050 (1,27) .050 (1,27) .010 (0,25) 13 6 28 85 170 8 20 30 40 227 567 850 1134 BB — .050 (1,27) .050 (1,27) .010 (0,25) 13 6 28 85 170 8 20 30 40 227 567 850 1134 B1 .718 (18,24) .14 (5,6) .25 (6,4) .045 (1,14) 0.4 0.5 1 11 14 28 1.5 4 6 10 42.5 113 170 283 A2 .718 (18,24) .312 .187 (7,92) (4,75) .312 (7,92) .062 (1,57) 0.3 0.5 1 8.5 14 28 1.5 4 6 10 42.5 113 170 283 A0 OPERATING POSITION GG KH PD PF S.P. S.P. D.P D.P. MINIMUM OVERTRAVEL GG KH PD PF S.P. S.P. D.P D.P. MAXIMUM PRETRAVEL GG KH PD PF S.P. S.P. D.P D.P. MAXIMUM RELEASE FORCE (OZ./GRAMS) GG KH PD PF S.P. S.P. D.P D.P. MINIMUM RELEASE FORCE (OZ./GRAMS) GG KH PD PF S.P. S.P. D.P D.P. MAXIMUM OPERATING FORCE (OZ./GRAMS) GG KH PD PF S.P. S.P. D.P D.P. OPTION CODE NOTE: For basic switch operating forces, see page K-46. SWITCH CHARACTERISTICS |