công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EP2-4L2S bảng dữ liệu(PDF) 2 Page - NEC

tên linh kiện EP2-4L2S
Giải thích chi tiết về linh kiện  AUTOMOTIVE RELAYS (Twin, Single) Relays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

EP2-4L2S bảng dữ liệu(HTML) 2 Page - NEC

  EP2-4L2S Datasheet HTML 1Page - NEC EP2-4L2S Datasheet HTML 2Page - NEC EP2-4L2S Datasheet HTML 3Page - NEC EP2-4L2S Datasheet HTML 4Page - NEC EP2-4L2S Datasheet HTML 5Page - NEC EP2-4L2S Datasheet HTML 6Page - NEC EP2-4L2S Datasheet HTML 7Page - NEC EP2-4L2S Datasheet HTML 8Page - NEC EP2-4L2S Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
DESCRIPTION
EN2 Series
The EN2, EP2, EPI and MR301 series power relays can meet the requirements of high quality and reliability in automotive
eIectronics applications.
The EN2 and EP2 series are the twin relays which have two units in one package and smaller than conventional two relays.
These relays are divided into two types for different usage. One is H bridge type and the other is separate type.
The EN2 series is suitable for heavy load applications (35 A max.). The EP2 series is designed for medium load applications
(25 A max.). The EP1 and MR301 series are the 1C contact form relays.
Many of these relays have been used in automotive electronics applications throughout the world.
FEATURES
q Twin relay for motor and solenoid reversible control
q 30% Iess relay space than conventional two relays
q Contact switching current of 35 A max.
q High performance and productivity by unique
symmetrical structure
q Flux tight housing
q Delivered in stick-tube for automatic insertion machine
q Washable type available
PART NUMBERS AND COIL RATINGS
Nominal
Coil
Nominal
Must
Must
Nominal
Voltage
Resistance
Current
Operate Voltage Release Voltage
Operate Power
(Vdc)
(
Ω ± 10%)
(mA)
(Vdc max.)
(Vdc min.)
(W)
12
125
96.0
6.5
0.6
1.15
12
125
96.0
7.0
0.6
1.15
12
180
67.0
7.5
0.6
0.8
12
180
67.0
8.0
0.6
0.8
12
250
53.0
8.0
0.9
0.64
12
250
53.0
8.5
0.9
0.64
Part Numbers
H Bridge Type Separate Type
EN2-1N1S
EN2-1N1ST
EN2-1N2S
EN2-1N2ST
EN2-2N3S
EN2-2N3ST
EN2-2N4S
EN2-2N4ST
EN2-3N4S
EN2-3N4ST
EN2-3N5S
EN2-3N5ST
at 25˚C (77˚F)
s PART NUMBER SYSTEM
EN2-B1N1ST
Wiring
Type
Enclosure
Carrying Current Capacity
Contact Material
Operate Voltage
(at 25
°C)
Coil Resistance
(at 25
°C)
Nil : H bridge type
T : Sparate type
Nil : Unsealed
S : Ssaled
1 : 6.5 V max.
2 : 7.0 V max.
3 : 7.5 V max.
4 : 8.0 V max.
5 : 8.5 V max.
Nil : Standard type
B : High current type
1 : 125
Ω ± 10%
2 : 180
Ω ± 10%
3 : 225
Ω ± 10%
N : Silver oxide complex alloy type I
H : Silver oxide complex alloy type II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com