| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A43L1632 bảng dữ liệu(PDF) 21 Page - AMIC Technology |
|
|
|||||||||||||||||||||||||||||
A43L1632 bảng dữ liệu(HTML) 21 Page - AMIC Technology |
|
21 / 43 page ![]() A43L1632 PRELIMINARY (December, 2004, Version 0.0) 20 AMIC Technology, Corp. 8. Burst Stop & Interrupted by Precharge WR D0 D1 D2 D3 CLK CMD DQM DQ 1) Normal Write (BL=4) PRE tRDL Note 1 WR D0 D1 D2 D3 CLK CMD DQM DQ 2) Write Burst Stop (BL=8) STOP tBDL Note 2 D4 D5 RD Q0 Q1 CLK CMD DQ(CL2) 1) Read Interrupted by Precharge (BL=4) PRE Note 3 DQ(CL3) Q0 Q1 1 2 RD Q0 Q1 CLK CMD DQ(CL2) 4) Read Burst Stop (BL=4) STOP DQ(CL3) Q0 Q1 1 2 9. MRS Note : 1. tRDL: 1CLK 2. tBDL: 1CLK; Last data in to burst stop delay. Read or write burst stop command is valid at every burst length. 3. Number of valid output data after row precharge or burst stop: 1,2 for CAS latency = 2, 3 respectively. 4. PRE: All banks precharge if necessary. MRS can be issued only when all banks are in precharged state. PRE MRS Note 1 CLK CMD Mode Register Set 2CLK ACT tRP |