công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F97J60 bảng dữ liệu(PDF) 21 Page - Microchip Technology

tên linh kiện PIC18F97J60
Giải thích chi tiết về linh kiện  64/80/100-Pin, High-Performance, 1 Mbit Flash Microcontrollers with Ethernet
PDF  474 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F97J60 bảng dữ liệu(HTML) 21 Page - Microchip Technology

Back Button PIC18F97J60 Datasheet HTML 17Page - Microchip Technology PIC18F97J60 Datasheet HTML 18Page - Microchip Technology PIC18F97J60 Datasheet HTML 19Page - Microchip Technology PIC18F97J60 Datasheet HTML 20Page - Microchip Technology PIC18F97J60 Datasheet HTML 21Page - Microchip Technology PIC18F97J60 Datasheet HTML 22Page - Microchip Technology PIC18F97J60 Datasheet HTML 23Page - Microchip Technology PIC18F97J60 Datasheet HTML 24Page - Microchip Technology PIC18F97J60 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 474 page
background image
© 2006 Microchip Technology Inc.
Advance Information
DS39762A-page 19
PIC18F97J60 FAMILY
PORTF is a bidirectional I/O port.
RF1/AN6/C2OUT
RF1
AN6
C2OUT
17
I/O
I
O
ST
Analog
—
Digital I/O.
Analog input 6.
Comparator 2 output.
RF2/AN7/C1OUT
RF2
AN7
C1OUT
16
I/O
I
O
ST
Analog
—
Digital I/O.
Analog input 7.
Comparator 1 output.
RF3/AN8
RF3
AN8
15
I/O
I
ST
Analog
Digital I/O.
Analog input 8.
RF4/AN9
RF4
AN9
14
I/O
I
ST
Analog
Digital I/O.
Analog input 9.
RF5/AN10/CVREF
RF5
AN10
CVREF
13
I/O
I
O
ST
Analog
—
Digital I/O.
Analog input 10.
Comparator reference voltage output.
RF6/AN11
RF6
AN11
12
I/O
I
ST
Analog
Digital I/O.
Analog input 11.
RF7/SS1
RF7
SS1
11
I/O
I
ST
TTL
Digital I/O.
SPI slave select input.
TABLE 1-4:
PIC18F66J60/66J65/67J60 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
TQFP
Legend:
TTL = TTL compatible input
CMOS
= CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
Analog
= Analog input
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no P diode to VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More