| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BKA bảng dữ liệu(PDF) 12 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
BKA bảng dữ liệu(HTML) 12 Page - ITT Industries |
|
12 / 19 page ![]() ARINC 600 BKAD/E/F Contact and Termination Tooling Data BKA* (LIF) Crimp Contacts BKAF-ARINC 600 Size 22 Wrap Post Socket Contacts With .025(6.35) Square Wire-Wrappable Tails-Receptacle Only. BKA* Thermocouple Contacts BKAF Printed Circuit Solder Post Socket Contacts Size 22 with .025(6.35) Dia. Printed Circuit Tails-Receptacle Only. The new low insertion force, front-insertable, front-removable #22 socket contacts with .025(6.35) dia., PC tails are now availble for use in the BKAF non-environmental receptacle version only. These contacts can be sold separately or they can be supplied with a connector (see How to Order). Use part numbers shown in the table on the right when ordering separately. BKAD/F Solder Post, Power Pin Contacts (Captive)-Receptacle Only. Contacts are captivated between two unbonded insulator halves. BKAF Solder Post Pin Contact Front Release Front Release Pin Contacts Size 20 and 16 The new low insertion force, front-insertable, front-removable #22 socket contacts with .025(6.35) square wire wrappable tails are now available for use in the BKAF non-enviornmental receptacle version only. These contacts can be sold separately or they can be supplied with a connector (see How to Order). Use part numbers shown in the table on the right when ordering separately. Contact Size and Part Numbers Part Numbers Size Pin Used in Plug 030-2259-000 Used in Recep. 031-1287-000 M22520 /2-01 995-0001- 584 M22520 /2-23 995-0002- 015 M81969 /1-01 CIT-DPXMA-22-1 Metal 070256-0000 CET-DPXMA-22 Metal 070317-0000 980-0004-804 Metal Tip 26 24 22 .054 (1.4) .130/.110 (3.3)/(2.8) 3 3 4 Used in Plug 030-1975-009 Used in Recep. 031-1113-009 Used in Plug 030-1975-010 Used in Recep. 031-1113-010 M22520 /2-01 995-0001 584 M22520 /2-23 995-0002- 015 M81969 /1-01 CIT-DPXMA-22-1 Metal 070256-0000 CET-DPXMA-22 Metal 070317-0000 980-0004-804 Metal Tip 26 24 22 .054 (1.4) .130/.110 (3.3)/(2.8) 3 3 4 Used in Recep 030-2273-000 Used in Plug 031-1302-000 M22520 /2-01 995-0001- 584 M22520 /2-08 995-0001- 604 M81969 /1-02 - - 980-0004-805 Metal Tip 22 20 .071 (1.8) .167/.147 (4.2)/(3.7) 6 7 Used in Recep 030-2280-000 Used in Plug 031-1303-000 M22520 /1-01 995-0001- 585 M22520 /1-02 995-0001- 736 M81969 /1-03 - CET 16-9 Plastic 980-0004-806 Metal Tip 20 18 16 .103 (2.6) .207/.230 (6.9)/(5.8) 4 5 6 Used in Recep 030-2286-000 Used in Plug 031-1308-000 M22520 /1-01 995-0001- 585 M22520 /1-11 995-0002- 027 M81969 /14-04 - CET 12-4 Plastic CIET-12 Plastic 14 12 .135 (3.4) .270/.230 (6.9)/(5.8) 7 8 Socket MIL Spec. MIL Spec. Se- lec- tor# Insertion Extraction Ins./Ext. AWG Insul Dia. Max Strip Length ITT Cannon ITT Cannon Mil Spec. Size Pin Socket MIL Spec. MIL Spec. WA WB WC WD 2D HD 16 12 SA SB SC SD *Applies to BKAF 13W2 and 5W2 inserts only *Consult facotry for other available lengths 20HD 16HD 12HD 20 20 16 16 16 20 030-3296-001 030-3296-002 030-3297-001 030-3297-002 030-3297-005 030-3296-004 .034 (0.86)/.030 (0.76) .034 (0.86)/.030 (0.76) .052 (1.32)/.048 (1.22) .052 (1.32)/.048 (1.22) .052 (1.32)/.048 (1.22) .034 (0.86)/.030 (0.76) .260 (6.60) .385 (9.78) .260 (6.60) .385 (9.78) .300 (7.62) .300 (7.62) 1 2 3 3 .250 (6.35) .375 (9.52) .500 (12.70) CET-BKAF 22S .641 (16.28) .150 (3.81) .250 (6.35) .375 (9.52) CET-BKAF 22S .500 (12.70) 031-1351-000 031-1351-001 031-1351-002 031-1351-003 031-1352-000 031-1352-001 031-1351-002 031-1352-003 030-2358-000 030-2357-000 030-2356-000 030-3287-000 030-3287-001 030-3287-002 .030 (0.76) .050 (1.27) .081 (2.06) .300* (7.62) .300* (7.62) .300* (7.62) 317-1798-00 317-1798-02 317-1798-02 .032 (0.81) .050 (1.27) .081 (2.06) .150 (3.81) .150 (3.81) .150 (3.81) Se- lec- tor# Insertion Extraction Ins./Ext. AWG Insul Dia. Max Strip Length ITT Cannon ITT Cannon Mil Spec. 2222 2222 Alumel 2222 Chromel 2020HD 1616 1212 Tool P/N Locator P/N ITT Cannon Crimp Tooling Insertion/Extraction Tooling Wire Size Contact Size and Part Numbers Part Number Tool P/N Locator P/N ITT Cannon Contact Mod. Contact Mod. Part Number Min. Post Extension Extraction Tool Contact Size Part Number Post Dia. Min. Post Extenstion* Part Number Extraction Tool Number of Wraps Min. Post Extension Crimp Tooling Insertion/Extraction Tooling Wire Size Contact Size Part Number Contact Size Part Number PC Tail Dia. Post Dia. Extraction Tool Min. Post Extension Min. Post Extension www.ittcannon.com 13 Dimensions are shown in inches (millimeters). Dimensions subject to change. |