| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NDH-R6A4 bảng dữ liệu(PDF) 2 Page - Amphenol Communications Solutions |
|
|
|||||||||||||||||||||||||||||
NDH-R6A4 bảng dữ liệu(HTML) 2 Page - Amphenol Communications Solutions |
|
2 / 6 page ![]() K.L. 3 4 5 6 5 4 3 H G F E D C B A A B C D E F G H 2 1 2 ANGULAR DEGREES NOV10/22 GENERAL TOLERANCES UNLESS SPECIFIED OTHERWISE 1 A SCALE: REV DWG. NO. 6 OF Commercial Products CODE ID NO. DESCRIPTION, ECN, EAR NO. APP'D DATE REV REVISIONS Amphenol Canada Corp. RoHS COMPLIANT 6 P-NDH-R6AX ANGLE 2 K. MORRISON DWG SIZE: PLUG KIT, IP67, CAT 5e, PLUG TAB DOWN, NDH SERIES, RJ BULKHEAD, HOOD KIT & OCT13/22 ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP. K. LAMBIE NOV10/22 NOV10/22 DRAWING 2:1 03554 EAR 14988 DRAWN CHECKED M.E. APP'D Q.A. APP'D DWG APPR. ENG. REL. NO. REF. SCALE DO NOT X PROJECTION INCHES PRIMARY UNITS SECONDARY REFERENCE IN PARENTHESES THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR PRODUCT DRAWING (EAR 14988) 0.30 MILLIMETRES K. LAMBIE THIRD SHEET 1 DECIMAL PLACE 2 DECIMAL PLACES 3 DECIMAL PLACES A END CAP RJ HOOD KIT TOP PLUG HOOD BODY COVER SUB ASSEMBLY RUBBER GROMMET LOCK BOTTOM PLUG COVER .715 18.15 24.93 .982 70.95 2.793 18.65 .734 67.10 2.642 11.70 .461 .967 24.56 .266 6.75 28.37 1.117 FEATURE. THEY CAN ONLY BE ASSEMBLED ONTO THE PLUG AND INTO THE HOOD BODY IN ONE WAY. THE TOP AND BOTTOM PLUG COVERS HAVE A POKA-YOKE |