công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BFC520 bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện BFC520
Giải thích chi tiết về linh kiện  NPN wideband cascode transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFC520 bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button BFC520 Datasheet HTML 3Page - NXP Semiconductors BFC520 Datasheet HTML 4Page - NXP Semiconductors BFC520 Datasheet HTML 5Page - NXP Semiconductors BFC520 Datasheet HTML 6Page - NXP Semiconductors BFC520 Datasheet HTML 7Page - NXP Semiconductors BFC520 Datasheet HTML 8Page - NXP Semiconductors BFC520 Datasheet HTML 9Page - NXP Semiconductors BFC520 Datasheet HTML 10Page - NXP Semiconductors BFC520 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1997 Sep 10
7
Philips Semiconductors
Product specification
NPN wideband cascode transistor
BFC520
APPLICATION INFORMATION
SPICE parameters for any single BFC520 die
Note
1. These parameters have not been extracted, the
default values are shown.
SEQUENCE No.
PARAMETER
VALUE
UNIT
1
IS
1.016
fA
2
BF
220.1
−
3
NF
1.000
−
4
VAF
48.06
V
5
IKF
510.0
mA
6
ISE
283.0
fA
7
NE
2.035
−
8
BR
100.7
−
9
NR
0.988
−
10
VAR
1.692
V
11
IKR
2.352
mA
12
ISC
24.48
aA
13
NC
1.022
−
14
RB
10.00
Ω
15
IRB
1.000
µA
16
RBM
10.00
Ω
17
RE
775.3
m
Ω
18
RC
2.210
Ω
19(1)
XTB
0.000
−
20(1)
EG
1.110
eV
21(1)
XTI
3.000
−
22
CJE
1.245
pF
23
VJE
600.0
mV
24
MJE
0.258
−
25
TF
8.616
ps
26
XTF
6.788
−
27
VTF
1.414
V
28
ITF
110.3
mA
29
PTF
45.01
deg
30
CJC
447.6
fF
31
VJC
189.2
mV
32
MJC
0.071
−
33
XCJC
0.130
−
34
TR
543.7
ps
35(1)
CJS
0.000
F
36(1)
VJS
750.0
mV
37(1)
MJS
0.000
−
38
FC
0.780
−
Fig.10 Package equivalent circuit SOT353A
(inductance only).
handbook, halfpage
B2
C2
LP
LP
LP
E1
MBG216
LP
T2
T1
LB2
LE2
LE1
LP
LB1
B1
C1/E2
Fig.11 Package capacitance (fF) between
indicated nodes.
35
E1
B2
C2
C1/E2
B1
E1
B2
C2
MBG217
3.5
35
2
0.4
0.5
0.8
LP
Lead and mutual inductances (nH)
LB1,2
+0.4
+0.25
M(LB1,LE1)
M(LB1,LE2)
LE1,2
35
36
35
2
36
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12