công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAT5113 bảng dữ liệu(PDF) 8 Page - Catalyst Semiconductor

tên linh kiện CAT5113
Giải thích chi tiết về linh kiện  Catalyst Semiconductor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CATALYST [Catalyst Semiconductor]
Trang chủ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5113 bảng dữ liệu(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT5113 Datasheet HTML 4Page - Catalyst Semiconductor CAT5113 Datasheet HTML 5Page - Catalyst Semiconductor CAT5113 Datasheet HTML 6Page - Catalyst Semiconductor CAT5113 Datasheet HTML 7Page - Catalyst Semiconductor CAT5113 Datasheet HTML 8Page - Catalyst Semiconductor CAT5113 Datasheet HTML 9Page - Catalyst Semiconductor CAT5113 Datasheet HTML 10Page - Catalyst Semiconductor CAT5113 Datasheet HTML 11Page - Catalyst Semiconductor CAT5113 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Visit our website for samples, data sheets, and additional product information.
6
ALO
GENFR
TM
LEAD FREE
PRODUCT LIST
WHITE LED DRIVERs
Part Number
LEDs (max)
VIN (typ)
IOUT Per
Channel
Mode
Interface
Packages (Pin Count)1
MSOP
(R,Z,GZ)
SOIC
(J,W,GW)
Thin SOT23
(TS,TD,GTD)
TQFN
(HS4,HV4,GV4)
TQFN
(HS3,HV3,GV3)
(4 x 4 mm)
(3 x 3 mm)
CAT3200
6
2.7 - 4.5V
100mA
Charge pump
Logic:
Shutdown
8
6
CAT3604
4
3.0 - 5.5V
30mA
Charge pump
3-wire
16
CAT3604-A
4
3.0 - 5.5V
30mA
Charge pump
3-wire
16
CAT3606
6
3.0 - 5.5V
30mA
Charge pump
3-wire
16
CAT3616
6
3.0 - 5.5V
30mA
Charge pump
Parallel
16
CAT3626
6
3.0 - 5.5V
30mA
Charge pump
Parallel
16
CAT4134
6
2.5 - 4.5V
150mA
Inductor-boost
Logic:
Shutdown
16
CAT4237
10
2.5-5.5V
40mA
Inductor-boost
Serial
5
CAT310
10
3.0 - 5.5V
50mA
n/a
Serial
20
APPLICATION LITERATURE / EVALUATION AND DEMONSTRATION BOARDS
WHITE LED DRIVER APPLICATION NOTES
Document Number Title
AN12
CAT32DB1 Demonstration Board for CAT32 White LED Driver
AN14
CAT32EVAL1 Evaluation Board for CAT32 White LED Driver
AN15
CAT3200DB1 Board Hardware for the CAT3200 DC-DC Converter
AN17
CAT37EVAL1 Evaluation Board for the CAT37 White LED Driver
AN20
CAT3604EVAL1 Evaluation Board for the CAT3604 White LED Driver
AN22
CAT310DB1 Demonstration Board for the CAT310 White LED Driver
AN23
CAT3606EVAL1 Evaluation Board for the CAT3606 White LED Driver
WHITE LED DRIVER DESIGN NOTE
DN9
CAT32 White LED Driver Efficiency and Inductor Value Tradeoffs
w h i t e l e d d r i v e r s
All product documentation can be found on the Catalyst Semiconductor web site at www.catsemi.com.
Note:
1. Available in standard and“green”packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com