| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VIPER20ASP-E bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER20ASP-E bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 34 page ![]() Operation description VIPer20A-E 20/34 Figure 17. Mixed soft start and compensation Figure 18. Latched shut down Figure 19. Typical compensation network Figure 20. Slope compensation Figure 21. External clock sinchronisation Figure 22. Current limitation circuit example - + 13V OSC COMP SOURCE DRAIN VDD VIPer20 R1 C1 + C2 D1 R2 R3 D2 D3 + C3 AUXILIARY WINDING FC00431 C4 - + 13V OSC COMP SOURCE DRAIN VDD VIPer20 Shutdown Q1 Q2 R1 R2 R3 R4 D1 FC00440 - + 13V OSC COMP SOURCE DRAIN VDD VIPer20 R1 C1 FC00451 C2 - + 13V OSC COMP SOURCE DRAIN VDD VIPer20 R1 R2 Q1 C2 C1 R3 FC00461 C3 - + 13V OSC COMP SOURCE DRAIN VDD VIPer20 10 k Ω FC00470 - + 13V OSC COMP SOURCE DRAIN VDD VIPer20 R1 R2 Q1 FC00480 |