| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VSC8124 bảng dữ liệu(PDF) 19 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8124 bảng dữ liệu(HTML) 19 Page - Vitesse Semiconductor Corporation |
|
19 / 20 page ![]() © VITESSE SEMICONDUCTOR CORPORATION Page 19 2/23/00 741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896 VITESSE SEMICONDUCTOR CORPORATION Target Specification VSC8124 2.488 Gb/s Quad Data Re-timer G52271-0, Rev. 1.14 Ordering Information The order number for this product is formed by a combination of the device number, and package type. Notice This document contains information about a proposed product during its design phase of development and is subject to change without notice at any time. All features and specifications are design goals only. Please con- tact Vitesse Semiconductor to obtain the latest product status and most recent versions of this specification. Warning Vitesse Semiconductor Corporation’s products are not intended for use in life support appliances, devices or systems. Use of a Vitesse product in such applications without the written consent is prohibited. VSC8124 RE Device Type VSC8124: Package 2.488Gb/s Quad Re-timer RE: 100 TQFP, 14x14mm Body |