| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9LPRS462 bảng dữ liệu(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS9LPRS462 bảng dữ liệu(HTML) 20 Page - Renesas Technology Corp |
|
20 / 24 page ![]() ICS9LPRS462 Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs IDTTM/ICSTM Low Power Clock for ATI RS/RD600 series chipsets for AMD CPUs 1378A—04/07/08 20 RESET_IN# - Assertion (transition from '1' to '0') The pin is a Schmitt trigger input with debouncing. After it is triggered, REF clocks will wait for two clock cycle to Asserting RESET_IN pin stops all the outputs including CPU, SRC, ATIG, PCI and USB with the REF[2:0] running. be power down and re-power up, and SMBus will be reloaded. It will take no more than 2.5mS for the clocks to come out with correct frequencies and no glitches. ** Deassertion of RESET_IN# (transition from '0' to '1') has NO effect on the clocks. ensure the RESET_IN is asserted. Then, it will take 3uS for the clocks to stop without glitches. The clock chip will 2.5mS max 3 uS max 2 clock cycles RESET_IN# REF [2:0] *CLKS |