| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9LPRS365 bảng dữ liệu(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS9LPRS365 bảng dữ liệu(HTML) 23 Page - Renesas Technology Corp |
|
23 / 29 page ![]() 23 ICS9LPRS365 Advance Information 1218—09/09/09 Byte 12 Byte Count Register Bit Pin Name Description Type 0 1 Default 7Reserved RW 0 6Reserved RW 0 5 BC5 RW 0 4 BC4 RW 0 3 BC3 RW 1 2 BC2 RW 1 1 BC1 RW 0 0 BC0 RW 1 Byte 13 VCO Frequency Control Register PLL1 Bit Pin Name Description Type 0 1 Default 7 N Div8 N Divider 8 RW - - X 6 N Div9 N Divider 9 RW - - X 5 M Div5 RW - - X 4 M Div4 RW - - X 3 M Div3 RW - - X 2 M Div2 RW - - X 1 M Div1 RW - - X 0 M Div0 RW - - X Byte 14 VCO Frequency Control Register PLL1 Bit Pin Name Description Type 0 1 Default 7 N Div7 RW - - X 6 N Div6 RW - - X 5 N Div5 RW - - X 4 N Div4 RW - - X 3 N Div3 RW - - X 2 N Div2 RW - - X 1 N Div1 RW - - X 0 N Div0 RW - - X Byte 15 Spread Spectrum Control Register PLL1 Bit Pin Name Description Type 0 1 Default 7 SSP7 RW - - X 6 SSP6 RW - - X 5 SSP5 RW - - X 4 SSP4 RW - - X 3 SSP3 RW - - X 2 SSP2 RW - - X 1 SSP1 RW - - X 0 SSP0 RW - - X Byte 16 Spread Spectrum Control Register PLL1 Bit Pin Name Description Type 0 1 Default 7 Reserved Reserved RW - - 0 6 SSP14 RW - - x 5 SSP13 RW - - X 4 SSP12 RW - - X 3 SSP11 RW - - X 2 SSP10 RW - - X 1 SSP9 RW - - X 0 SSP8 RW - - X These Spread Spectrum bits will program the spread pecentage. Contact ICS for the correct values. The decimal representation of N Div (9:0) is equal to VCO divider value. Default at power up = latch-in or Byte 0 Rom table. The decimal representation of M Div (5:0) is equal to reference divider value. Default at power up = latch-in or Byte 0 Rom table. These Spread Spectrum bits will program the spread pecentage. Contact ICS for the correct values. Read Back byte count register, max bytes = 32 |