| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9DB423 bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS9DB423 bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp |
|
13 / 21 page ![]() ICS9DB423B 4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI IDT® 4-OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2, AND QPI 13 ICS9DB423B REV E 091812 SMBus Table: Vendor & Revision ID Register Pin # Name Control Function Type0 1 Default Bit 7 RID3 R - - 0 Bit 6 RID2 R - - 0 Bit 5 RID1 R - - 0 Bit 4 RID0 R - - 1 Bit 3 VID3 R - - 0 Bit 2 VID2 R - - 0 Bit 1 VID1 R - - 0 Bit 0 VID0 R - - 1 SMBus Table: DEVICE ID Pin # Name Control Function Type0 1 Default Bit 7 R 0 Bit 6 R 1 Bit 5 R 0 Bit 4 R 0 Bit 3 R 0 Bit 2 R 0 Bit 1 R 1 Bit 0 R 0 SMBus Table: Byte Count Register Pin # Name Control Function Type0 1 Default Bit 7 BC7 RW - - 0 Bit 6 BC6 RW - - 0 Bit 5 BC5 RW - - 0 Bit 4 BC4 RW - - 0 Bit 3 BC3 RW - - 0 Bit 2 BC2 RW - - 1 Bit 1 BC1 RW - - 1 Bit 0 BC0 RW - - 1 Device ID 1 Device ID 6 Device ID 7 (MSB) Device ID is 42 Hex for 9DB423 Device ID 5 Device ID 4 Device ID 3 Device ID 0 Device ID 2 - - Writing to this register configures how many bytes will be read back. - - - - - - - Byte 4 - Byte 6 - - VENDOR ID - - - - REVISION ID - - - - - - - Byte 5 - |