| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9DB104 bảng dữ liệu(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS9DB104 bảng dữ liệu(HTML) 8 Page - Renesas Technology Corp |
|
8 / 15 page ![]() 8 Integrated Circuit Systems, Inc. ICS9DB104 (Not recommended for new designs) 0767E—12/14/07 SMBus Table: Output Control Register Pin # Name Control Function Type 0 1 PWD Bit 7 RW X Bit 6 RW X Bit 5 RW X Bit 4 RW X Bit 3 RW X Bit 2 RW X Bit 1 RW X Bit 0 RW X SMBus Table: Vendor & Revision ID Register Pin # Name Control Function Type 0 1 PWD Bit 7 RID3 R - - X Bit 6 RID2 R - - X Bit 5 RID1 R - - X Bit 4 RID0 R - - X Bit 3 VID3 R - - 0 Bit 2 VID2 R - - 0 Bit 1 VID1 R - - 0 Bit 0 VID0 R - - 1 SMBus Table: DEVICE ID Pin # Name Control Function Type 0 1 PWD Bit 7 RW 0 Bit 6 RW 0 Bit 5 RW 0 Bit 4 RW 0 Bit 3 RW 1 Bit 2 RW 0 Bit 1 RW 0 Bit 0 RW 0 Reserved Reserved Byte 3 Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Byte 4 - REVISION ID - - - - - VENDOR ID - - - - - - - Byte 5 - - - Device ID 6 Reserved Reserved Reserved Device ID 7 (MSB) Reserved Device ID 5 Reserved Device ID 4 Reserved Device ID 3 Reserved Device ID 0 Reserved Device ID 2 Reserved Device ID 1 Reserved SMBus Table: Byte Count Register Pin # Name Control Function Type 0 1 PWD Bit 7 BC7 RW - - 0 Bit 6 BC6 RW - - 0 Bit 5 BC5 RW - - 0 Bit 4 BC4 RW - - 0 Bit 3 BC3 RW - - 0 Bit 2 BC2 RW - - 1 Bit 1 BC1 RW - - 0 Bit 0 BC0 RW - - 1 Byte 6 - Writing to this register configures how many bytes will be read back. - - - - - - - |