công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP2985-10DBVR bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LP2985-10DBVR
Giải thích chi tiết về linh kiện  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LP2985-10DBVR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LP2985-10DBVR Datasheet HTML 1Page - Texas Instruments LP2985-10DBVR Datasheet HTML 2Page - Texas Instruments LP2985-10DBVR Datasheet HTML 3Page - Texas Instruments LP2985-10DBVR Datasheet HTML 4Page - Texas Instruments LP2985-10DBVR Datasheet HTML 5Page - Texas Instruments LP2985-10DBVR Datasheet HTML 6Page - Texas Instruments LP2985-10DBVR Datasheet HTML 7Page - Texas Instruments LP2985-10DBVR Datasheet HTML 8Page - Texas Instruments LP2985-10DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
1 Features
• VIN range (new chip): 2.5 V to 16 V
• VOUT range (new chip): 1.2 V to 5.0 V (fixed, 100-
mV steps)
• VOUT accuracy:
– ±1% for A-grade legacy chip
– ±1.5% for standard-grade legacy chip
– ±0.5% for new chip only
• ±1% output accuracy over load, and temperature
for new chip
• Output current: Up to 150 mA
• Low IQ (new chip): 71 μA at ILOAD = 0 mA
• Low IQ (new chip): 750 μA at ILOAD = 150 mA
• Shutdown current:
– 0.01 μA (typ) for legacy chip
– 1.12 μA (typ) for new chip
• Low noise: 30 μVRMS with 10-nF bypass capacitor
• Output current limiting and thermal protection
• Stable with 2.2-µF ceramic capacitors
• High PSRR: 70 dB at 1 kHz, 40 dB at 1 MHz
• Operating junction temperature: –40°C to +125°C
• Package: 5-pin SOT-23 (DBV)
2 Applications
• Washer and dryer
• Land mobile radio
• Active antenna system mMIMO
• Cordless power tool
• Motor drives and control boards
3 Description
The LP2985 is a fixed-output, wide-input, low-noise,
low-dropout voltage regulator supporting an input
voltage range from 2.5 V to 16 V and up to 150 mA of
load current. The LP2985 supports an output range of
1.2 V to 5.0 V (for new chip).
Additionally, the LP2985 (new chip) has a 1% output
accuracy across load, and temperature that can meet
the needs of low-voltage microcontrollers (MCUs) and
processors.
Low output noise of 30 µVRMS (with 10-nF bypass
capacitors) and wide bandwidth PSRR performance
of greater than 70 dB at 1 kHz and 40 dB at 1 MHz
help attenuate the switching frequency of an upstream
DC/DC converter and minimize post regulator filtering.
The internal soft-start time and current limit protection
reduce inrush current during start up, thus minimizing
input capacitance. Standard protection features, such
as overcurrent and overtemperature protection, are
included.
The LP2985 is available in a 5-pin 2.9-mm × 1.6-mm
SOT-23 (DBV) package.
Package Information(1)
PART
NUMBER
PACKAGE
BODY SIZE (NOM)
LP2985
DBV (SOT-23, 5)
2.90 mm × 1.60 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
400
450
Iout
1mA
10mA
50mA
150mA
Dropout Voltage vs Temperature for New Chip
IN
OUT
ON/
OFF
BYPASS
LP2985
GND
C
IN
GND
GND
GND
C
OUT
GND
10 nF
V
IN
V
OUT
Typical Application Circuit
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LP2985-10DBVR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LP2985-10DBVR TI-LP2985-10DBVR Datasheet
650Kb / 27P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985-10DBVR TI-LP2985-10DBVR Datasheet
1Mb / 29P
150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985-10DBVR TI1-LP2985-10DBVR Datasheet
1Mb / 28P
150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985-10DBVR TI-LP2985-10DBVR Datasheet
9Mb / 41P
LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985-10DBVR TI-LP2985-10DBVR Datasheet
10Mb / 41P
LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
More results

Mô tả tương tự - LP2985-10DBVR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LP2985 TI-LP2985 Datasheet
781Kb / 24P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V01 Datasheet
9Mb / 41P
LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985 TI-LP2985_V02 Datasheet
10Mb / 41P
LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
LP2985 TI1-LP2985_V04 Datasheet
10Mb / 41P
LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com